Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMZ14202HTZ/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LMZ14202HTZ/NOPB
Description  LMZ14202H 2A, SIMPLE SWITCHER짰 Power Module for High Output Voltage
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMZ14202HTZ/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LMZ14202HTZ/NOPB Datasheet HTML 1Page - Texas Instruments LMZ14202HTZ/NOPB Datasheet HTML 2Page - Texas Instruments LMZ14202HTZ/NOPB Datasheet HTML 3Page - Texas Instruments LMZ14202HTZ/NOPB Datasheet HTML 4Page - Texas Instruments LMZ14202HTZ/NOPB Datasheet HTML 5Page - Texas Instruments LMZ14202HTZ/NOPB Datasheet HTML 6Page - Texas Instruments LMZ14202HTZ/NOPB Datasheet HTML 7Page - Texas Instruments LMZ14202HTZ/NOPB Datasheet HTML 8Page - Texas Instruments LMZ14202HTZ/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
0
200
400
600
800
1000
0
10
20
30
40
50
60
70
80
FREQUENCY (MHz)
Emissions (Evaluation Board)
EN 55022 Limit (Class B)
-20
0
20
40
60
80 100 120 140
0.0
0.5
1.0
1.5
2.0
2.5
AMBIENT TEMPERATURE (°C)
VIN = 15V
VIN = 24V
VIN = 42V
0.0
0.5
1.0
1.5
2.0
70
75
80
85
90
95
100
OUTPUT CURRENT (A)
VIN = 15V
VIN = 24V
VIN = 30V
VIN = 36V
VIN = 42V
LMZ14202H
SNVS691D – JANUARY 2011 – REVISED FEBRUARY 2013
www.ti.com
System Performance
Efficiency VOUT = 12V
Thermal Derating VOUT = 12V, θJA = 16°C/W
Radiated Emissions (EN 55022 Class B)
2
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LMZ14202H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com