Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMZ14202HTZ/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LMZ14202HTZ/NOPB
Description  LMZ14202H 2A, SIMPLE SWITCHER짰 Power Module for High Output Voltage
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMZ14202HTZ/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LMZ14202HTZ/NOPB Datasheet HTML 17Page - Texas Instruments LMZ14202HTZ/NOPB Datasheet HTML 18Page - Texas Instruments LMZ14202HTZ/NOPB Datasheet HTML 19Page - Texas Instruments LMZ14202HTZ/NOPB Datasheet HTML 20Page - Texas Instruments LMZ14202HTZ/NOPB Datasheet HTML 21Page - Texas Instruments LMZ14202HTZ/NOPB Datasheet HTML 22Page - Texas Instruments LMZ14202HTZ/NOPB Datasheet HTML 23Page - Texas Instruments LMZ14202HTZ/NOPB Datasheet HTML 24Page - Texas Instruments LMZ14202HTZ/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LMZ14202H
www.ti.com
SNVS691D – JANUARY 2011 – REVISED FEBRUARY 2013
CURRENT LIMIT
Current limit detection is carried out during the off-time by monitoring the current in the synchronous MOSFET.
Referring to the Functional Block Diagram, when the top MOSFET is turned off, the inductor current flows
through the load, the PGND pin and the internal synchronous MOSFET. If this current exceeds ICL the current
limit comparator disables the start of the next on-time period. The next switching cycle will occur only if the FB
input is less than 0.8V and the inductor current has decreased below ICL. Inductor current is monitored during the
period of time the synchronous MOSFET is conducting. So long as inductor current exceeds ICL, further on-time
intervals for the top MOSFET will not occur. Switching frequency is lower during current limit due to the longer
off-time. It should also be noted that DC current limit varies with duty cycle, switching frequency, and
temperature.
THERMAL PROTECTION
The junction temperature of the LMZ14202H should not be allowed to exceed its maximum ratings. Thermal
protection is implemented by an internal Thermal Shutdown circuit which activates at 165 °C (typ) causing the
device to enter a low power standby state. In this state the main MOSFET remains off causing VO to fall, and
additionally the CSS capacitor is discharged to ground. Thermal protection helps prevent catastrophic failures for
accidental device overheating. When the junction temperature falls back below 145 °C (typ Hyst = 20 °C) the SS
pin is released, VO rises smoothly, and normal operation resumes.
ZERO COIL CURRENT DETECTION
The current of the lower (synchronous) MOSFET is monitored by a zero coil current detection circuit which
inhibits the synchronous MOSFET when its current reaches zero until the next on-time. This circuit enables the
DCM operating mode, which improves efficiency at light loads.
PRE-BIASED STARTUP
The LMZ14202H will properly start up into a pre-biased output. This is startup situation is common in multiple rail
logic applications where current paths may exist between different power rails during the startup sequence. The
pre-bias level of the output voltage must be less than the input UVLO set point. This will prevent the output pre-
bias from enabling the regulator through the high side MOSFET body diode.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LMZ14202H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com