Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TAS5707APHPR Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5707APHPR
Description  20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5707APHPR Datasheet(HTML) 36 Page - Texas Instruments

Back Button TAS5707APHPR Datasheet HTML 32Page - Texas Instruments TAS5707APHPR Datasheet HTML 33Page - Texas Instruments TAS5707APHPR Datasheet HTML 34Page - Texas Instruments TAS5707APHPR Datasheet HTML 35Page - Texas Instruments TAS5707APHPR Datasheet HTML 36Page - Texas Instruments TAS5707APHPR Datasheet HTML 37Page - Texas Instruments TAS5707APHPR Datasheet HTML 38Page - Texas Instruments TAS5707APHPR Datasheet HTML 39Page - Texas Instruments TAS5707APHPR Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 58 page
background image
TAS5707, TAS5707A
SLOS556B – NOVEMBER 2008 – REVISED NOVEMBER 2009
www.ti.com
Table 4. Serial Control Interface Register Summary (continued)
NO. OF
INITIALIZATION
SUBADDRESS
REGISTER NAME
CONTENTS
BYTES
VALUE
0x35
ch2_bq[5]
20
u[31:26], b0[25:0]
0x0080 0000
u[31:26], b1[25:0]
0x0000 0000
u[31:26], b2[25:0]
0x0000 0000
u[31:26], a1[25:0]
0x0000 0000
u[31:26], a2[25:0]
0x0000 0000
0x36
ch2_bq[6]
20
u[31:26], b0[25:0]
0x0080 0000
u[31:26], b1[25:0]
0x0000 0000
u[31:26], b2[25:0]
0x0000 0000
u[31:26], a1[25:0]
0x0000 0000
u[31:26], a2[25:0]
0x0000 0000
0x37–0x39
Reserved(2)
DRC ae(3)
u[31:26], ae[25:0]
0x0080 0000
0x3A
8
DRC (1 – ae)
u[31:26], (1 – ae)[25:0]
0x0000 0000
DRC aa
u[31:26], aa[25:0]
0x0080 0000
0x3B
8
DRC (1 – aa)
u[31:26], (1 – aa)[25:0]
0x0000 0000
DRC ad
u[31:26], ad[25:0]
0x0080 0000
0x3C
8
DRC (1 – ad)
u[31:26], (1 – ad)[25:0]
0x0000 0000
0x3D–0x3F
Reserved(2)
0x40
DRC-T
4
T[31:0] (9.23 format)
0xFDA2 1490
0x41
DRC-K
4
u[31:26], K[25:0]
0x0384 2109
0x42
DRC-O
4
u[31:26], O[25:0]
0x0008 4210
0x43–0x45
Reserved(2)
0x46
DRC control
4
Description shown in subsequent section
0x0000 0000
0x47–0x4F
Reserved(2)
0x50
Bank switch control
4
Description shown in subsequent section
0x0F70 8000
0x51–0xC9
Reserved(2)
0xCA
8
Reserved(2)
0xCB–0xF8
Reserved(2)
Update device address
4
New Dev Id[7:1], ZERO[0] (New Dev Id = 0x38),
0x00000036
0xF9
register
(7:1) defines the new device address
0xFA-0xFF
Reserved(2)
(2)
Reserved registers should not be accessed.
(3)
"ae" stands for µ of energy filter, "aa" stands for µ of attack filter and "ad" stands for µ of decay filter and 1- µ = ω.
All DAP coefficients are 3.23 format unless specified otherwise.
36
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): TAS5707 TAS5707A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com