Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TAS5707APHPR Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5707APHPR
Description  20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5707APHPR Datasheet(HTML) 38 Page - Texas Instruments

Back Button TAS5707APHPR Datasheet HTML 34Page - Texas Instruments TAS5707APHPR Datasheet HTML 35Page - Texas Instruments TAS5707APHPR Datasheet HTML 36Page - Texas Instruments TAS5707APHPR Datasheet HTML 37Page - Texas Instruments TAS5707APHPR Datasheet HTML 38Page - Texas Instruments TAS5707APHPR Datasheet HTML 39Page - Texas Instruments TAS5707APHPR Datasheet HTML 40Page - Texas Instruments TAS5707APHPR Datasheet HTML 41Page - Texas Instruments TAS5707APHPR Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 58 page
background image
TAS5707, TAS5707A
SLOS556B – NOVEMBER 2008 – REVISED NOVEMBER 2009
www.ti.com
ERROR STATUS REGISTER (0x02)
The error bits are sticky and are not cleared by the hardware. This means that the software must clear the
register (write zeroes) and then read them to determine if they are persistent errors.
Error Definitions:
•
MCLK Error : MCLK frequency is changing. The number of MCLKs per LRCLK is changing.
•
SCLK Error: The number of SCLKs per LRCLK is changing.
•
LRCLK Error: LRCLK frequency is changing.
•
Frame Slip: LRCLK phase is drifting with respect to internal frame sync.
Table 7. Error Status Register (0x02)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
1
-
–
–
–
–
–
–
MCLK error
–
1
–
–
–
–
–
–
PLL autolock error
–
–
1
–
–
–
–
–
SCLK error
–
–
–
1
–
–
–
–
LRCLK error
–
–
–
–
1
–
–
–
Frame slip
–
–
–
–
–
–
1
–
Overcurrent, overtemperature, overvoltage or undervoltage error
–
–
–
–
–
–
–
1
Overtemperature warning (sets around 125°)
0
0
0
0
0
0
0
0
No errors (1)
(1)
Default values are in bold.
SYSTEM CONTROL REGISTER 1 (0x03)
The system control register 1 has several functions:
Bit D7:
If 0, the dc-blocking filter for each channel is disabled.
If 1, the dc-blocking filter (–3 dB cutoff <1 Hz) for each channel is enabled (default).
Bit D5:
If 0, use soft unmute on recovery from clock error. This is a slow recovery. Unmute takes same
time as volume ramp defined in reg 0X0E.
If 1, use hard unmute on recovery from clock error (default). This is a fast recovery, a single step
volume ramp
Bits D1–D0: Select de-emphasis
Table 8. System Control Register 1 (0x03)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
–
–
–
–
–
–
–
PWM high-pass (dc blocking) disabled
1
–
–
–
–
–
–
–
PWM high-pass (dc blocking) enabled (1)
–
0
–
–
–
–
–
–
Reserved (1)
–
–
0
–
–
–
–
–
Soft unmute on recovery from clock error
–
–
1
–
–
–
–
–
Hard unmute on recovery from clock error (1)
–
–
–
0
–
–
–
–
Reserved (1)
–
–
–
–
0
–
–
–
Reserved (1)
–
–
–
–
–
0
–
–
Reserved(1)
–
–
–
–
–
–
0
0
No de-emphasis (1)
–
–
–
–
–
–
0
1
De-emphasis for fS = 32 kHz
–
–
–
–
–
–
1
0
Reserved
–
–
–
–
–
–
1
1
De-emphasis for fS = 48 kHz
(1)
Default values are in bold.
38
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): TAS5707 TAS5707A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com