Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PRF18BE471QB5RB Datasheet(PDF) 73 Page - Murata Manufacturing Co., Ltd.

Part # PRF18BE471QB5RB
Description  POSISTOR for Circuit Protection
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PRF18BE471QB5RB Datasheet(HTML) 73 Page - Murata Manufacturing Co., Ltd.

Back Button PRF18BE471QB5RB Datasheet HTML 69Page - Murata Manufacturing Co., Ltd. PRF18BE471QB5RB Datasheet HTML 70Page - Murata Manufacturing Co., Ltd. PRF18BE471QB5RB Datasheet HTML 71Page - Murata Manufacturing Co., Ltd. PRF18BE471QB5RB Datasheet HTML 72Page - Murata Manufacturing Co., Ltd. PRF18BE471QB5RB Datasheet HTML 73Page - Murata Manufacturing Co., Ltd. PRF18BE471QB5RB Datasheet HTML 74Page - Murata Manufacturing Co., Ltd. PRF18BE471QB5RB Datasheet HTML 75Page - Murata Manufacturing Co., Ltd. PRF18BE471QB5RB Datasheet HTML 76Page - Murata Manufacturing Co., Ltd. PRF18BE471QB5RB Datasheet HTML 77Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 104 page
background image
POSISTOR
r for Circuit Protection
Overheat Sensing Chip Type
This chip PTC Thermistor is a reflow soldering SMD type
for overheat sensing for power transistors, power
diodes and power ICs in hybrid circuits.
c Features
1. SMD type is helpful for miniaturizing circuits
because of its small size and light weight.
2. Excellent thermal response due to small size
3. Solid-state construction provides excellent resistance
to mechanical vibration and impact resistance.
4. Contactless operation provides noiseless operation.
L
Part Number
LW
T
Dimensions (mm)
eg
1.6±0.15
2.0±0.2
0.8±0.15
1.25±0.2
0.8±0.15
0.9±0.2
0.1 to 0.6
0.2 min.
-
0.5 min.
PRF18_RB
PRF21_RA
W
e
e
g
Chip Type 0603 (1608) Size
Part Number
Sensing Temperature
(at 4.7k ohm)
(°C)
Sensing Temperature
(at 47k ohm)
(°C)
Maximum
Voltage
(V)
Resistance
(at 25°C)
(ohm)
Operating
Temperature Range
(°C)
PRF18AS471QB5RB
145 ±5°C
-
32
470 ±50%
-20 to 160
PRF18AR471QB5RB
135 ±5°C
150 ±7°C
32
470 ±50%
-20 to 160
PRF18BA471QB5RB
125 ±5°C
140 ±7°C
32
470 ±50%
-20 to 150
PRF18BB471QB5RB
115 ±5°C
130 ±7°C
32
470 ±50%
-20 to 140
PRF18BC471QB5RB
105 ±5°C
120 ±7°C
32
470 ±50%
-20 to 130
PRF18BD471QB5RB
95 ±5°C
110 ±7°C
32
470 ±50%
-20 to 120
PRF18BE471QB5RB
85 ±5°C
100 ±7°C
32
470 ±50%
-20 to 110
PRF18BF471QB5RB
75 ±5°C
90 ±7°C
32
470 ±50%
-20 to 100
PRF18BG471QB5RB
65 ±5°C
80 ±7°C
32
470 ±50%
-20 to 90
This series is applied to flow/reflow soldering.
This series is recognized by UL.
Chip Type 0805 (2012) Size
Part Number
Sensing Temperature
(at 4.7k ohm)
(°C)
Maximum
Voltage
(V)
Resistance
(at 25°C)
(ohm)
Operating
Temperature Range
(°C)
PRF21AS471QB5RA
145 ±5°C
32
470 ±50%
-20 to 160
PRF21AR471QB5RA
135 ±5°C
32
470 ±50%
-20 to 150
PRF21BA471QB5RA
125 ±5°C
32
470 ±50%
-20 to 140
PRF21BB471QB5RA
115 ±5°C
32
470 ±50%
-20 to 130
PRF21BC471QB5RA
105 ±5°C
32
470 ±50%
-20 to 120
PRF21BD471QB5RA
95 ±5°C
32
470 ±50%
-20 to 110
PRF21BE471QB5RA
85 ±5°C
32
470 ±50%
-20 to 100
This series is applied to flow/reflow soldering.
This series is recognized by UL.
R90E.pdf
Sep.24,2012
71
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com