Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PRF18BE471QB5RB Datasheet(PDF) 35 Page - Murata Manufacturing Co., Ltd.

Part # PRF18BE471QB5RB
Description  POSISTOR for Circuit Protection
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PRF18BE471QB5RB Datasheet(HTML) 35 Page - Murata Manufacturing Co., Ltd.

Back Button PRF18BE471QB5RB Datasheet HTML 31Page - Murata Manufacturing Co., Ltd. PRF18BE471QB5RB Datasheet HTML 32Page - Murata Manufacturing Co., Ltd. PRF18BE471QB5RB Datasheet HTML 33Page - Murata Manufacturing Co., Ltd. PRF18BE471QB5RB Datasheet HTML 34Page - Murata Manufacturing Co., Ltd. PRF18BE471QB5RB Datasheet HTML 35Page - Murata Manufacturing Co., Ltd. PRF18BE471QB5RB Datasheet HTML 36Page - Murata Manufacturing Co., Ltd. PRF18BE471QB5RB Datasheet HTML 37Page - Murata Manufacturing Co., Ltd. PRF18BE471QB5RB Datasheet HTML 38Page - Murata Manufacturing Co., Ltd. PRF18BE471QB5RB Datasheet HTML 39Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 104 page
background image
POSISTOR
r for Circuit Protection
Overcurrent Protection 16V Series
This low-voltage, low-resistance type "POSISTOR" is
a circuit protector whose resistance value in normal
operation is very low and in abnormal situations like
motor lock or short circuit, will be increased to
restrain overcurrent. This "POSISTOR" is most
suitable for low-voltage circuits.
c Features
1. Best suited to meet the requirements for power
supplies and motor protection. Error-free operation
is assured by rush current.
2. Circuit is protected until current is turned off.
3. Restores the original low resistance value
automatically once the overload is removed.
4. Non-contact design leads to long life and no noise.
Durable and strong against mechanical vibration and
shock because it is a solid element.
F±1.5
ød±0.05
D max.
T max.
(in mm)
Part Number
Max.
Voltage
(V)
Hold Current
(at +60°C)
(mA)
Hold Current
(at +25°C)
(mA)
Trip Current
(at +25°C)
(mA)
Trip Current
(at -10°C)
(mA)
Max.
Current
(A)
Resistance
(at +25°C)
(ohm)
Body
Diameter
(D) (mm)
Thickness
(T)
(mm)
Height
(H)
(mm)
Lead
Space
(F) (mm)
Lead
Diameter
(phi d) (mm)
PTGL05AR1R0M1B51B0
16
370
470
880
1040
2.0
1.0 ±20%
6.0
3.5
9.5
5.0
0.6
PTGL06AR0R8M1B51B0
16
400
505
955
1120
3.0
0.8 ±20%
6.5
3.5
10.0
5.0
0.6
PTGL07ARR47M1B51B0
16
560
705
1310
1570
5.0
0.47 ±20%
7.5
3.5
12.0
5.0
0.6
PTGL09ARR33M1B51B0
16
680
875
1625
1900
7.0
0.33 ±20%
9.0
3.5
14.0
5.0
0.6
PTGL10ARR27M1B51B0
16
800
1025
1900
2250
8.0
0.27 ±20%
10.1
3.5
15.0
5.0
0.6
PTGL12AR0R2M1B51B0
16
1000
1300
2410
2800
9.0
0.2 ±20%
11.3
3.5
16.0
5.0
0.6
PTGL14ARR15M1B51B0
16
1200
1545
2855
3360
10
0.15 ±20%
13.5
3.5
18.5
5.0
0.6
Maximum Current shows typical capacities of the transformer which can be used.
Taping type is also available(except PTGL14ARR15M1B51B0). Please refer to the page of "Package" information for details.
1400
1200
1000
800
600
400
200
0
Ambient Temperature (°C)
-20
-10
0
1020304050607080
Trip current
Hold current
Protective threshold
current
c Protective Threshold Current Range (16V Series)
PTGL05AR1R0M1B51B0
1400
1200
1000
800
600
400
200
0
Ambient Temperature (°C)
-20
-10
0
1020304050607080
Trip current
Hold current
Protective threshold
current
PTGL06AR0R8M1B51B0
Continued on the following page.
R90E.pdf
Sep.24,2012
33
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com