Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PRF18BE471RB5RB Datasheet(PDF) 88 Page - Murata Manufacturing Co., Ltd.

Part # PRF18BE471RB5RB
Description  POSISTOR for Circuit Protection
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PRF18BE471RB5RB Datasheet(HTML) 88 Page - Murata Manufacturing Co., Ltd.

Back Button PRF18BE471RB5RB Datasheet HTML 84Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 85Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 86Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 87Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 88Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 89Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 90Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 91Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 92Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 104 page
background image
Temperature Sensor Lead Type Specifications and Test Methods
POSISTOR
r is set in an environmental chamber at 85±3°C with
maximum voltage applied for 1.5 hours and then is left without
voltage applied for 0.5 hours.
This cycle is repeated for 1000±10 hours, and after the device is
left at room temperature (25°C) for one hour, the resistance
measurement is performed.
(A protective resistor is to be connected in series and the inrush
current through POSISTOR
r must be limited below max. rated
value.)
8
High Temperature Load
ΔR/R25VT20%
POSISTOR
r is set in an environmental chamber at 40±2°C
and 90-95% humidity for 500±4 hours.
And after the device is left at room temperature (25°C) for one
hour, the resistance measurement is performed.
7
Damp Heat
ΔR/R25VT20%
The lead wire of POSISTOR
r is soaked in molten solder (JIS Z
3282 H60A) at 350±10°C from the bottom to a point of 2.0-2.5
mm for 3.5±0.5 seconds. And, after the device is left at room
temperature (25°C) for 24±4 hours, the resistance is measured.
6
Terminal Durability of
Soldering
ΔR/R25VT15%
The lead wire of POSISTOR
r is soaked in a Isopropyl Alcohol
(JIS K 8839) or ethanol (JIS K 8101) solution (about 25wt%) of
colophony (JIS K 5902) for 5-10 sec. And, each lead wire is
soaked in molten solder (JIS Z 3282 H60A) at 235±5°C from the
bottom to a point of 2.0-2.5mm for 2±0.5 seconds.
5
Solderability
Solder is applied around the lead wire covering
3/4 or more of the circumference without gap in
the axial-direction.
POSISTOR
r is held so that it is perpendicular to the lead wire
with the following load hanging in the axial direction of the lead
wire. The lead wire is slowly bent to 90° and returned; then it is
slowly bent in the opposite direction and returned to original state.
(Above mentioned procedure is done slowly with one cycle.)
4
Bending Strength of
Lead Wire Terminal
Lead wire does not come off.
The load is gradually applied to each terminal of POSISTOR
r
until 4.90N in the axial-direction with fixing POSISTOR
r's body
itself and this load is kept for 10 seconds.
3
Tensile Strength of
Lead Wire Terminal
No damage
We apply AC voltage 120% that of the maximum voltage to
POSISTOR
r by raising voltage gradually for 180±5 seconds at
25°C. (A protective resistor is to be connected in series, and the
inrush current through POSISTOR
r must be limited below max.
rated value.)
2
Withstanding Voltage
No problem
Resistance value is measured by applying voltage under 1.5Vdc
(by a direct current of less than 10mA) in a silicone oil vessel.
1
Resistance Value
Satisfies specification
Series
Force
2.45N
4.90N
PTFL
PTFM
No.
Method of Examination
Rating Value
Item
Rs
PTH
S.W
Test circuit
R90E.pdf
Sep.24,2012
86
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com