| Electronic Components Datasheet Search |
|
PRF18BE471RB5RB Datasheet(PDF) 102 Page - Murata Manufacturing Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
PRF18BE471RB5RB Datasheet(HTML) 102 Page - Murata Manufacturing Co., Ltd. |
|
102 / 104 page ![]() Lead Type PTGL/PTF Series Package Continued from the preceding page. Pitch of Component Pitch of Sprocket Hole Lead Spacing Length from Hole Center to Lead Length from Hole Center to Component Center Body Diameter Deviation along Tape, Left or Right Carrier Tape Width Position of Sprocket Hole Lead Distance between Reference and Bottom Planes Protrusion Length Diameter of Sprocket Hole Lead Diameter Total Tape Thickness Total Thickness of Tape and Lead Wire Deviation across Tape Portion to cut in Case of Defect Hold down Tape Width Hold down Tape Position Coating Extension on Lead P P0 F P1 P2 D ΔS W W1 H0 H2 I D0 d t1 t2 Δh1, Δh2 L W0 W2 e 12.7 12.7±0.3 5.0 3.85±0.8 6.35±1.3 Please see Ratings Body Thickness T Please see Ratings ±1.5 18.0±0.5 16.0±1.0 6.0 max. W0.5 to Y1.0 4.0±0.2 0.6±0.05 0.6±0.3 2.0 max. 1.5 max. 11.0 min. 4.0 max. Up to the center of crimp Tolerance is determined by ΔS. Deviation in the feeding direction Including the inclination caused by lead bending. Deviation of tape width. Code Item Dimensions (mm) Note +0.8 –0.3 9.0+0.5 –0.75 11.0+0 –2.0 Δh2 Δh1 ΔS P2 P D P1 P0 F d T c 125/250/265V Series Taping Dimensions R90E.pdf Sep.24,2012 100 !Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |