Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VND830P-E Datasheet(PDF) 7 Page - STMicroelectronics

Part # VND830P-E
Description  Double channel high-side driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND830P-E Datasheet(HTML) 7 Page - STMicroelectronics

Back Button VND830P-E Datasheet HTML 3Page - STMicroelectronics VND830P-E Datasheet HTML 4Page - STMicroelectronics VND830P-E Datasheet HTML 5Page - STMicroelectronics VND830P-E Datasheet HTML 6Page - STMicroelectronics VND830P-E Datasheet HTML 7Page - STMicroelectronics VND830P-E Datasheet HTML 8Page - STMicroelectronics VND830P-E Datasheet HTML 9Page - STMicroelectronics VND830P-E Datasheet HTML 10Page - STMicroelectronics VND830P-E Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
VND830P-E
Electrical specifications
Doc ID 17546 Rev 2
7/27
2.2
Thermal data
2.3
Electrical characteristics
Values specified in this section are for 8 V < VCC < 36 V; -40 °C < Tj < 150 °C, unless
otherwise stated.
(Per each channel)
Figure 3.
Current and voltage conventions
1.
VFn = VCCn - VOUTn during reverse battery condition.
Table 4.
Thermal data (per island)
Symbol
Parameter
Value
Unit
Rthj-lead
Thermal resistance junction-lead (max)
15
°C/W
Rthj-amb
Thermal resistance junction-ambient (max)
65(1)
48(2)
°C/W
1.
When mounted on a standard single-sided FR-4 board with 0.5 cm2 of Cu (at least 35 µm thick) connected to all VCC pins.
Horizontal mounting and no artificial air flow.
2.
When mounted on a standard single-sided FR-4 board with 6 cm2 of Cu (at least 35 µm thick) connected to all VCC pins.
Horizontal mounting and no artificial air flow.
Table 5.
Power output
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
VCC
(1)
Operating supply voltage
5.5
13
36
V
VUSD
(1)
Undervoltage shutdown
3
4
5.5
V
VOV
(1)
Overvoltage shutdown
36
V
RON
On-state resistance
IOUT = 2 A; Tj = 25 °C
IOUT = 2 A; VCC > 8 V
60
120
m
Ω
m
Ω
IS
IGND
OUTPUT 2
VCC
GND
STATUS 2
INPUT 2
IOUT2
IIN2
ISTAT2
VSTAT2
VIN2
VCC
VOUT2
OUTPUT 1
IOUT1
VOUT1
INPUT 1
IIN1
STATUS 1
ISTAT1
VIN1
VSTAT1
VF1
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com