Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VND830P-E Datasheet(PDF) 1 Page - STMicroelectronics

Part # VND830P-E
Description  Double channel high-side driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND830P-E Datasheet(HTML) 1 Page - STMicroelectronics

  VND830P-E Datasheet HTML 1Page - STMicroelectronics VND830P-E Datasheet HTML 2Page - STMicroelectronics VND830P-E Datasheet HTML 3Page - STMicroelectronics VND830P-E Datasheet HTML 4Page - STMicroelectronics VND830P-E Datasheet HTML 5Page - STMicroelectronics VND830P-E Datasheet HTML 6Page - STMicroelectronics VND830P-E Datasheet HTML 7Page - STMicroelectronics VND830P-E Datasheet HTML 8Page - STMicroelectronics VND830P-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
September 2010
Doc ID 17546 Rev 2
1/27
1
VND830P-E
Double channel high-side driver
Features
■ ECOPACK®: lead free and RoHS compliant
■ Automotive Grade: compliance with AEC
guidelines
■ Very low standby current
■ CMOS compatible input
■ On-state open-load detection
■ Off-state open-load detection
■ Thermal shutdown protection and diagnosis
■ Undervoltage shutdown
■ Overvoltage clamp
■ Output stuck to VCC detection
■ Load current limitation
■ Reverse battery protection
■ Electrostatic discharge protection
Description
The VND830P-E is a monolithic device made by
using STMicroelectronics™ VIPower™ M0-3
technology, intended for driving any kind of load
with one side connected to ground.
Active VCC pin voltage clamp protects the devices
against low energy spikes (see ISO7637 transient
compatibility table).
Active current limitation combined with thermal
shutdown and automatic restart protects the
device against overload. The device detects
open-load condition both is on-state and off-state.
Output shorted to VCC is detected in the off-state.
Device automatically turns-off in case of ground
pin disconnection.
Type
RDS(on)
IOUT
VCC
VND830P-E
60 m
Ω(1)
1.
Per each channel.
6A(1)
36 V
Table 1.
Device summary
Package
Order codes
Tube
Tape and reel
SO-16L
VND830P-E
VND830PTR-E
www.st.com


Similar Part No. - VND830P-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND830PEP-E STMICROELECTRONICS-VND830PEP-E Datasheet
329Kb / 25P
Double channel high side driver
September 2013 Rev 6
More results

Similar Description - VND830P-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND810 STMICROELECTRONICS-VND810 Datasheet
254Kb / 19P
DOUBLE CHANNEL HIGH SIDE DRIVER
Jul-2002
VND810SP STMICROELECTRONICS-VND810SP Datasheet
263Kb / 18P
DOUBLE CHANNEL HIGH SIDE DRIVER
Jul-2002
VND830 STMICROELECTRONICS-VND830 Datasheet
308Kb / 19P
DOUBLE CHANNEL HIGH SIDE DRIVER
Jul-2002
VND830MSP STMICROELECTRONICS-VND830MSP Datasheet
265Kb / 18P
DOUBLE CHANNEL HIGH SIDE DRIVER
rev. A
VND830SP STMICROELECTRONICS-VND830SP Datasheet
266Kb / 18P
DOUBLE CHANNEL HIGH SIDE DRIVER
rev. A
VND810MSP STMICROELECTRONICS-VND810MSP Datasheet
197Kb / 19P
DOUBLE CHANNEL HIGH SIDE DRIVER
Jul-2004
VND600PEP-E STMICROELECTRONICS-VND600PEP-E Datasheet
232Kb / 19P
DOUBLE CHANNEL HIGH SIDE DRIVER
May-2005
VND600SPTR-E STMICROELECTRONICS-VND600SPTR-E Datasheet
412Kb / 27P
Double channel high-side driver
11-Feb-2011
VND810-E STMICROELECTRONICS-VND810-E Datasheet
202Kb / 20P
DOUBLE CHANNEL HIGH SIDE DRIVER
Oct-2004
VND830E-E STMICROELECTRONICS-VND830E-E Datasheet
352Kb / 26P
Double channel high-side driver
September 2013 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com