Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI7C8140AMAE Datasheet(PDF) 9 Page - Pericom Semiconductor Corporation

Part # PI7C8140AMAE
Description  2-Port PCI-to-PCI Bridge
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8140AMAE Datasheet(HTML) 9 Page - Pericom Semiconductor Corporation

Back Button PI7C8140AMAE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI7C8140AMAE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI7C8140AMAE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI7C8140AMAE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI7C8140AMAE Datasheet HTML 9Page - Pericom Semiconductor Corporation PI7C8140AMAE Datasheet HTML 10Page - Pericom Semiconductor Corporation PI7C8140AMAE Datasheet HTML 11Page - Pericom Semiconductor Corporation PI7C8140AMAE Datasheet HTML 12Page - Pericom Semiconductor Corporation PI7C8140AMAE Datasheet HTML 13Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 82 page
background image
PI7C8140A
2-PORT PCI-TO-PCI BRIDGE
Page 9 of 82
March 20, 2007 – Revision 1.01
INTRODUCTION
Product Description
The PI7C8140A is Pericom Semiconductor’s PCI-to-PCI Bridge, designed to be fully compliant with
the 32-bit, 66MHz implementation of the PCI Local Bus Specification, Revision 2.2. The PI7C8140A
supports synchronous bus transactions between devices on the Primary Bus and the Secondary Buses
operating up to 66MHz. Both primary and secondary buses must operate at the same frequency. The
primary and secondary buses can also operate in concurrent mode, resulting in added increase in system
performance.
Product Features
32-bit Primary and Secondary Ports run up to 66MHz
Compliant with the PCI Local Bus Specification, Revision 2.2
Compliant with PCI-to-PCI Bridge Architecture Specification, Revision 1.1.
-
All I/O and memory commands
-
Type 1 to Type 0 configuration conversion
-
Type 1 to Type 1 configuration forwarding
-
Type 1 configuration write to special cycle conversion
Compliant with the Advanced Configuration Power Interface (ACPI)
Compliant with the PCI Power Management Specification, Revision 1.1.
Provides internal arbitration for four secondary bus masters
-
Programmable 2-level priority arbiter
PCI Clockrun support
Supports posted write buffers in all directions
Four 128 byte FIFO’s for delay transactions
Two 128 byte FIFO’s for posted memory transactions
Enhanced address decoding
32-bit I/O address range
32-bit memory-mapped I/O address range
64-bit prefetchable address range
Extended commercial temperature range 0°C to 85°C
3.3V and 5V signaling
128-pin QFP package
07-0067



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com