Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68331CFV16 Datasheet(PDF) 62 Page - Freescale Semiconductor, Inc

Part # MC68331CFV16
Description  32-Bit Modular Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68331CFV16 Datasheet(HTML) 62 Page - Freescale Semiconductor, Inc

Back Button MC68331CFV16 Datasheet HTML 58Page - Freescale Semiconductor, Inc MC68331CFV16 Datasheet HTML 59Page - Freescale Semiconductor, Inc MC68331CFV16 Datasheet HTML 60Page - Freescale Semiconductor, Inc MC68331CFV16 Datasheet HTML 61Page - Freescale Semiconductor, Inc MC68331CFV16 Datasheet HTML 62Page - Freescale Semiconductor, Inc MC68331CFV16 Datasheet HTML 63Page - Freescale Semiconductor, Inc MC68331CFV16 Datasheet HTML 64Page - Freescale Semiconductor, Inc MC68331CFV16 Datasheet HTML 65Page - Freescale Semiconductor, Inc MC68331CFV16 Datasheet HTML 66Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 84 page
background image
62
MC68331TS/D
HALT — Halt
0 = Halt not enabled
1 = Halt enabled
When HALT is asserted, the QSPI stops on a queue boundary. It is in a defined state from which it can
later be restarted.
SPSR contains QSPI status information. Only the QSPI can assert the bits in this register. The CPU
reads this register to obtain status information and writes it to clear status flags.
SPIF — QSPI Finished Flag
0 = QSPI not finished
1 = QSPI finished
SPIF is set after execution of the command at the address in ENDQP.
MODF — Mode Fault Flag
0 = Normal operation
1 = Another SPI node requested to become the network SPI master while the QSPI was enabled
in master mode (SS input taken low).
The QSPI asserts MODF when the QSPI is the serial master (MSTR = 1) and the SS input pin is negat-
ed by an external driver.
HALTA — Halt Acknowledge Flag
0 = QSPI not halted
1 = QSPI halted
HALTA is asserted when the QSPI halts in response to CPU assertion of HALT.
Bit 4 — Not Implemented
CPTQP — Completed Queue Pointer
CPTQP points to the last command executed. It is updated when the current command is complete.
When the first command in a queue is executing, CPTQP contains either the reset value ($0) or a point-
er to the last command completed in the previous queue.
5.4.3 QSPI RAM
The QSPI contains an 80-byte block of dual-access static RAM that is used by both the QSPI and the
CPU. The RAM is divided into three segments: receive data, transmit data, and command control data.
Receive data is information received from a serial device external to the MCU. Transmit data is infor-
mation stored by the CPU for transmission to an external peripheral. Command control data is used to
perform the transfer.
Refer to the following illustration of the organization of the RAM.
SPSR — QSPI Status Register
$YFFC1F
15
8
7
6
5
4
3
0
SPCR3
SPIF
MODF
HALTA
0
CPTQP
RESET:
0
0
0
0
0
0
0
0
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com