Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68331CFV16 Datasheet(PDF) 81 Page - Freescale Semiconductor, Inc

Part # MC68331CFV16
Description  32-Bit Modular Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68331CFV16 Datasheet(HTML) 81 Page - Freescale Semiconductor, Inc

Back Button MC68331CFV16 Datasheet HTML 76Page - Freescale Semiconductor, Inc MC68331CFV16 Datasheet HTML 77Page - Freescale Semiconductor, Inc MC68331CFV16 Datasheet HTML 78Page - Freescale Semiconductor, Inc MC68331CFV16 Datasheet HTML 79Page - Freescale Semiconductor, Inc MC68331CFV16 Datasheet HTML 80Page - Freescale Semiconductor, Inc MC68331CFV16 Datasheet HTML 81Page - Freescale Semiconductor, Inc MC68331CFV16 Datasheet HTML 82Page - Freescale Semiconductor, Inc MC68331CFV16 Datasheet HTML 83Page - Freescale Semiconductor, Inc MC68331CFV16 Datasheet HTML 84Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 81 / 84 page
background image
MC68331TS/D
81
F1B — Force Logic Level One on PWMB
0 = Force logic level zero output on PWMB pin
1 = Force logic level one output on PWMB pin
PWMA/PWMB — PWM Control Registers A/B
$YFF926, $YFF927
These registers are associated with the pulse-width value of the PWM output on the corresponding
PWM pin. A value of $00 loaded into one of these registers results in a continuously low output on the
corresponding pin. A value of $80 results in a 50% duty cycle output. Maximum value ($FF) selects an
output that is high for 255/256 of the period.
PWMCNT — PWM Count Register
$YFF928
PWMCNT is the 16-bit free-running counter associated with the PWM functions of the GPT module.
PWMBUFA/B — PWM Buffer Registers A/B
$YFF92A, $YFF92B
These read-only registers contain values associated with the duty cycles of the corresponding PWM.
Reset state is $0000.
PRESCL — GPT Prescaler
$YFF92C
The 9-bit prescaler value can be read from bits [8:0] at this address. Bits [15:9] always read as zeros.
Reset state is $0000.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com