Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP2950CDT-3.0/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LP2950CDT-3.0/NOPB
Description  LP2950-N/LP2951-N Series of Adjustable Micropower Voltage Regulators
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2950CDT-3.0/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LP2950CDT-3.0/NOPB Datasheet HTML 1Page - Texas Instruments LP2950CDT-3.0/NOPB Datasheet HTML 2Page - Texas Instruments LP2950CDT-3.0/NOPB Datasheet HTML 3Page - Texas Instruments LP2950CDT-3.0/NOPB Datasheet HTML 4Page - Texas Instruments LP2950CDT-3.0/NOPB Datasheet HTML 5Page - Texas Instruments LP2950CDT-3.0/NOPB Datasheet HTML 6Page - Texas Instruments LP2950CDT-3.0/NOPB Datasheet HTML 7Page - Texas Instruments LP2950CDT-3.0/NOPB Datasheet HTML 8Page - Texas Instruments LP2950CDT-3.0/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
LP2950-N, LP2951-N
SNVS764N – JANUARY 2000 – REVISED MAY 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
(1)
LP2950AC-XX
LP2950C-XX
LP2951
LP2951AC-XX
LP2951C-XX
Parameter
Conditions(1)
Units
Typ
Tested
Typ
Tested
Design Typ
Tested
Design
Limit(2)(3)
Limit(2)
Limit(4)
Limit(2)
Limit(4)
3V Versions(5)
Output Voltage
TJ = 25°C
3.0
3.015
3.0
3.015
3.0
3.030
V max
2.985
2.985
2.970
V min
−25°C ≤ TJ ≤ 85°C
3.0
3.0
3.030
3.0
3.045
V max
2.970
2.955
V min
Full Operating Temperature
3.0
3.036
3.0
3.036
3.0
3.060
V max
Range
2.964
2.964
2.940
V min
Output Voltage
100
μA ≤ IL ≤ 100 mA
3.0
3.045
3.0
3.042
3.0
3.072
V max
TJ ≤ TJMAX
2.955
2.958
2.928
V min
3.3V Versions(5)
Output Voltage
TJ = 25°C
3.3
3.317
3.3
3.317
3.3
3.333
V max
3.284
3.284
3.267
V min
−25°C ≤ TJ ≤ 85°C
3.3
3.3
3.333
3.3
3.350
V max
3.267
3.251
V min
Full Operating Temperature
3.3
3.340
3.3
3.340
3.3
3.366
V max
Range
3.260
3.260
3.234
V min
Output Voltage
100
μA ≤ IL ≤ 100 mA
3.3
3.350
3.3
3.346
3.3
3.379
V max
TJ ≤ TJMAX
3.251
3.254
3.221
V min
5V Versions(5)
Output Voltage
TJ = 25°C
5.0
5.025
5.0
5.025
5.0
5.05
V max
4.975
4.975
4.95
V min
−25°C ≤ TJ ≤ 85°C
5.0
5.0
5.05
5.0
5.075
V max
4.95
4.925
V min
Full Operating Temperature
5.0
5.06
5.0
5.06
5.0
5.1
V max
Range
4.94
4.94
4.9
V min
Output Voltage
100
μA ≤ IL ≤ 100 mA
5.0
5.075
5.0
5.075
5.0
5.12
V max
TJ ≤ TJMAX
4.925
4.925
4.88
V min
All Voltage Options
Output Voltage
See(6)
20
120
20
100
50
150
ppm/°C
Temperature
Coefficient
Line Regulation(7)
(VONOM + 1)V ≤ Vin ≤
0.03
0.1
0.03
0.1
0.04
0.2
% max
30V(8)
0.5
0.2
0.4
% max
(1)
Unless otherwise noted, all limits specified for VIN = (VONOM + 1)V, IL = 100 μA and CL = 1μF for 5V versions and 2.2 μF for 3V and
3.3V versions. Limits appearing in boldface type apply over the entire junction temperature range for operation. Limits appearing in
normal type apply for TA = TJ = 25°C. Additional conditions for the 8-pin versions are FEEDBACK tied to VTAP, OUTPUT tied to SENSE,
and VSHUTDOWN ≤ 0.8V.
(2)
Ensured and 100% production tested.
(3)
A Military RETS specification is available on request. At time of printing, the LP2951-N RETS specification complied with the boldface
limits in this column. The LP2951-N LMC, NAC, or NAB may also be procured as Standard Military Drawing Spec #5962-3870501MGA,
MXA, or MPA.
(4)
Ensured but not 100% production tested. These limits are not used to calculate outgoing AQL levels.
(5)
All LP2950 devices have the nominal output voltage coded as the last two digits of the part number. In the LP2951 products, the 3.0V
and 3.3V versions are designated by the last two digits, but the 5V version is denoted with no code at this location of the part number
(refer to ordering information table).
(6)
Output or reference voltage temperature coefficient is defined as the worst case voltage change divided by the total temperature range.
(7)
Regulation is measured at constant junction temperature, using pulse testing with a low duty cycle. Changes in output voltage due to
heating effects are covered under the specification for thermal regulation.
(8)
Line regulation for the LP2951-N is tested at 150°C for IL = 1mA. For IL = 100 μA and TJ = 125°C, line regulation is specified by design
to 0.2%. See TYPICAL PERFORMANCE CHARACTERISTICS for line regulation versus temperature and load current.
4
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LP2950-N LP2951-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com