Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP2950CDT-3.0/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP2950CDT-3.0/NOPB
Description  LP2950-N/LP2951-N Series of Adjustable Micropower Voltage Regulators
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2950CDT-3.0/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LP2950CDT-3.0/NOPB Datasheet HTML 1Page - Texas Instruments LP2950CDT-3.0/NOPB Datasheet HTML 2Page - Texas Instruments LP2950CDT-3.0/NOPB Datasheet HTML 3Page - Texas Instruments LP2950CDT-3.0/NOPB Datasheet HTML 4Page - Texas Instruments LP2950CDT-3.0/NOPB Datasheet HTML 5Page - Texas Instruments LP2950CDT-3.0/NOPB Datasheet HTML 6Page - Texas Instruments LP2950CDT-3.0/NOPB Datasheet HTML 7Page - Texas Instruments LP2950CDT-3.0/NOPB Datasheet HTML 8Page - Texas Instruments LP2950CDT-3.0/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
LP2950-N, LP2951-N
www.ti.com
SNVS764N – JANUARY 2000 – REVISED MAY 2013
LP2950-N/LP2951-N Series of Adjustable Micropower Voltage Regulators
Check for Samples: LP2950-N, LP2951-N
1
FEATURES
DESCRIPTION
The
LP2950-N
and
LP2951-N
are
micropower
2
•
5V, 3V, and 3.3V Versions Available
voltage regulators with very low quiescent current (75
•
High Accuracy Output Voltage
μA typ.) and very low dropout voltage (typ. 40 mV at
•
Ensured 100 mA Output Current
light loads and 380 mV at 100 mA). They are ideally
suited
for
use
in
battery-powered
systems.
•
Extremely Low Quiescent Current
Furthermore, the quiescent current of the LP2950-
•
Low Dropout Voltage
N/LP2951-N
increases
only
slightly
in
dropout,
•
Extremely Tight Load and Line Regulation
prolonging battery life.
•
Very Low Temperature Coefficient
The LP2950-N-5.0 is available in the surface-mount
•
Use as Regulator or Reference
PFM package, and in the popular 3-pin TO-92
package for pin-compatibility with older 5V regulators.
•
Needs Minimum Capacitance for Stability
The 8-lead LP2951-N is available in plastic, ceramic
•
Current and Thermal Limiting
dual-in-line, WSON, or metal can packages and
•
Stable With Low-ESR Output Capacitors (10
offers additional system functions.
m
Ω to 6Ω)
One such feature is an error flag output which warns
of a low output voltage, often due to falling batteries
LP2951-N VERSIONS ONLY
on the input. It may be used for a power-on reset. A
•
Error Flag Warns of Output Dropout
second feature is the logic-compatible shutdown input
which enables the regulator to be switched on and
•
Logic-Controlled Electronic Shutdown
off. Also, the part may be pin-strapped for a 5V, 3V,
•
Output Programmable From 1.24 to 29V
or 3.3V output (depending on the version), or
programmed from 1.24V to 29V with an external pair
of resistors.
Careful
design
of
the
LP2950-N/LP2951-N
has
minimized all contributions to the error budget. This
includes a tight initial tolerance (.5% typ.), extremely
good load and line regulation (.05% typ.) and a very
low output voltage temperature coefficient, making
the part useful as a low-power voltage reference.
Block Diagram and Typical Applications
Figure 1. LP2950-N
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP2950CDT-3.0/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2950CDT-3.0 NSC-LP2950CDT-3.0 Datasheet
1Mb / 26P
Series of Adjustable Micropower Voltage Regulators
logo
ON Semiconductor
LP2950CDT-3.0 ONSEMI-LP2950CDT-3.0 Datasheet
289Kb / 16P
Micropower Voltage Regulators
October, 1999 ??Rev. 5
LP2950CDT-3.0 ONSEMI-LP2950CDT-3.0 Datasheet
194Kb / 24P
100 mA, Low Power Low Dropout Voltage Regulator
December, 2006 ??Rev. 19
logo
Texas Instruments
LP2950CDT-3.0 TI1-LP2950CDT-3.0 Datasheet
657Kb / 30P
Series of Adjustable Micropower Voltage Regulators
logo
ON Semiconductor
LP2950CDT-3.0 ONSEMI-LP2950CDT-3.0 Datasheet
277Kb / 22P
100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
More results

Similar Description - LP2950CDT-3.0/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2950 NSC-LP2950 Datasheet
1Mb / 26P
Series of Adjustable Micropower Voltage Regulators
LP4950C-5V NSC-LP4950C-5V_05 Datasheet
850Kb / 14P
Adjustable Micropower Voltage Regulators
logo
Texas Instruments
LP2951 TI1-LP2951 Datasheet
657Kb / 30P
Series of Adjustable Micropower Voltage Regulators
LP2951JAN TI1-LP2951JAN Datasheet
494Kb / 24P
Adjustable Micropower Voltage Regulators
LP2950ACZ-3.3 TI1-LP2950ACZ-3.3 Datasheet
1Mb / 42P
LP2950-N/LP2951-N Series of Adjustable Micropower Voltage Regulators
LP2951-N_15 TI-LP2951-N_15_15 Datasheet
1Mb / 50P
LP295x-N Series of Adjustable Micropower Voltage Regulators
LP2950-N TI-LP2950-N_15 Datasheet
1Mb / 51P
LP295x-N Series of Adjustable Micropower Voltage Regulators
LP2951-50-Q1 TI-LP2951-50-Q1_15 Datasheet
3Mb / 30P
LP2951-xx-Q1 Adjustable Micropower Voltage Regulators With Shutdown
LP2951JAN TI-LP2951JAN_15 Datasheet
811Kb / 25P
Series of Adjustable Micropower Voltage Regulators
LP2951-N TI-LP2951-N_15 Datasheet
1Mb / 51P
LP295x-N Series of Adjustable Micropower Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com