Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PMODJSTK Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PMODJSTK
Description  The PmodJSTK was designed to be a versatile user interface that can be used in a wide variety of projects.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PMODJSTK Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PMODJSTK Datasheet HTML 1Page - List of Unclassifed Manufacturers PMODJSTK Datasheet HTML 2Page - List of Unclassifed Manufacturers PMODJSTK Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
P
Pm
mo
od
dJ
JS
ST
TK
K
R
Re
effe
erre
en
nc
ce
e M
Ma
an
nu
ua
all
®
w w w . d ig i l en t inc . c om
Revision: September 22, 2008
Note: This document applies to REV C of the board.
215 E Main Suite D | Pullman, WA 99163
(509) 334 6306 Voice and Fax
Doc: 502-116
page 1 of 3
Copyright Digilent, Inc. All rights reserved. Other product and company names mentioned may be trademarks of their respective owners.
Overview
The PmodJSTK was designed to be a versatile
user interface that can be used in a wide
variety of projects. It contains a resistive twin
axis joystick that includes a center push button
along with two additional push buttons. Also,
PmodJSTK has two programmable LEDs
located on the board that can provide
additional information to the user.
The PmodJSTK is ideally suited for Digilent
microcontroller or FPGA based projects that
required proportional control from the user,
such as robotic applications.
Functional Description
The joystick, located on the PmodJSTK,
contains two potentiometers which are
manipulated by moving the joystick in the X
and Y directions.
The PmodJSTK is equipped with an embedded
Atmel® ATtiny24 microcontroller in a MLF20
package. This microcontroller utilizes an
analog to digital converter to measure the
voltage occurring on the sweeper pins of each
of the two potentiometers. The voltage
occurring at these sweeper pins ranges from
ground potential to VCC depending on the
position of the joystick. A button is also
attached to the joystick and is activated by
pressing down directly on the joystick. The
joystick’s center button, along with the two
additional push buttons, is read by the
microcontroller.
The microcontroller assembles the joystick’s
positional data, along with the status of the
push buttons, in a series of five bytes. It
provides a 10-bit value for each axis of the
joystick. The joystick’s axis values are each
placed in 16-bit values, which are made up of
an upper byte and a lower byte.
Figure 1 PmodJSTK Circuit Diagram
Figure 2 Joystick Axis Map


Similar Part No. - PMODJSTK

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PMOD8LD ETC1-PMOD8LD Datasheet
148Kb / 1P
The Pmod8LD has eight high-bright LEDs that are driven by logic-level transistors so each LED can be illuminated with a logic high signal that provides less than 1mA of current.
PMODACL2 ETC1-PMODACL2 Datasheet
150Kb / 1P
PmodACL2??Diigiitall Accellerometer Reference Manuall
PMODAMP2 ETC1-PMODAMP2 Datasheet
502Kb / 2P
The PmodAMP2 amplifies low power audio signals to drive a monophonic output.
PMODBB ETC1-PMODBB Datasheet
78Kb / 1P
COPURIGHT 2007 DIGILENT INC.
PMODCLS ETC1-PMODCLS Datasheet
122Kb / 4P
Seriiall LCD Diispllay Modulle Refference Manuall
More results

Similar Description - PMODJSTK

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL22P64 BELLING-BL22P64 Datasheet
195Kb / 15P
BL22P64 can be used for dedicated control functions in a variety of applications
logo
Omron Electronics LLC
E32-D22B OMRON-E32-D22B Datasheet
17Mb / 67P
These Fibers Units can be used in a variety of applications, such as detecting the presence of workpieces and positioning.
E32DC200F OMRON-E32DC200F Datasheet
17Mb / 67P
These Fibers Units can be used in a variety of applications, such as detecting the presence of workpieces and positioning.
E32-G14 OMRON-E32-G14 Datasheet
17Mb / 67P
These Fibers Units can be used in a variety of applications, such as detecting the presence of workpieces and positioning.
logo
JMK Inc.
ZF-0916-3 JMK-ZF-0916-3 Datasheet
30Kb / 1P
designed to be used in systems that are required to work in the tempest environment
ZF-0916-10 JMK-ZF-0916-10 Datasheet
33Kb / 1P
designed to be used in systems that are required to work in the tempest environment
ZL-1988B-10B JMK-ZL-1988B-10B Datasheet
33Kb / 1P
designed to be used in systems that are required to work in the tempest environment
logo
Shanghai Leiditech Elec...
LM6.0CB LEIDITECH-LM6.0CB Datasheet
1Mb / 4P
TVS diodes can be used in a wide range of applications which like consumer electronic products
SMAJ6.8CA LEIDITECH-SMAJ6.8CA Datasheet
909Kb / 5P
TVS diodes can be used in a wide range of applications which like consumer electronic products
logo
Lattice Semiconductor
LFMXO5-25 LATTICE-LFMXO5-25 Datasheet
3Mb / 102P
The MachXO5™-NX family of low-power FPGAs can be used in a wide range of applications
May 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com