Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6228 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L6228
Description  DMOS DRIVER FOR BIPOLAR STEPPER MOTOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6228 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L6228 Datasheet HTML 7Page - STMicroelectronics L6228 Datasheet HTML 8Page - STMicroelectronics L6228 Datasheet HTML 9Page - STMicroelectronics L6228 Datasheet HTML 10Page - STMicroelectronics L6228 Datasheet HTML 11Page - STMicroelectronics L6228 Datasheet HTML 12Page - STMicroelectronics L6228 Datasheet HTML 13Page - STMicroelectronics L6228 Datasheet HTML 14Page - STMicroelectronics L6228 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
11/26
L6228
PWM CURRENT CONTROL
The L6228 includes a constant off time PWM current controller for each of the two bridges. The current control
circuit senses the bridge current by sensing the voltage drop across an external sense resistor connected be-
tween the source of the two lower power MOS transistors and ground, as shown in Figure 10. As the current in
the motor builds up the voltage across the sense resistor increases proportionally. When the voltage drop
across the sense resistor becomes greater than the voltage at the reference input (VREFA or VREFB) the sense
comparator triggers the monostable switching the bridge off. The power MOS remain off for the time set by the
monostable and the motor current recirculates as defined by the selected decay mode, described in the next
section. When the monostable times out the bridge will again turn on. Since the internal dead time, used to pre-
vent cross conduction in the bridge, delays the turn on of the power MOS, the effective off time is the sum of the
monostable time plus the dead time.
Figure 10. PWM Current Controller Simplified Schematic
Figure 11 shows the typical operating waveforms of the output current, the voltage drop across the sensing re-
sistor, the RC pin voltage and the status of the bridge. More details regarding the Synchronous Rectification and
the output stage configuration are included in the next section.
Immediately after the Power MOS turns on, a high peak current flows through the sensing resistor due to the
reverse recovery of the freewheeling diodes. The L6228 provides a 1
µs Blanking Time tBLANK that inhibits the
comparator output so that this current spike cannot prematurely re-trigger the monostable.
DRIVERS
+
DEAD TIME
S
Q
R
DRIVERS
+
DEAD TIME
2H
1H
2L
1L
OUT2A(or B)
SENSEA(or B)
RSENSE
D01IN1332
RCA(or B)
ROFF
COFF
VREFA(or B)
IOUT
OUT1A(or B)
+
+
-
-
1
µs
5mA
BLANKER
SENSE
COMPARATOR
COMPARATOR
OUTPUT
MONOSTABLE
SET
2.5V
5V
FROM THE
LOW-SIDE
GATE DRIVERS
2 PHASE
STEPPER MOTOR
BLANKING TIME
MONOSTABLE
VSA (or B)
TO GATE LOGIC
(0)
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com