Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6228 Datasheet(PDF) 20 Page - STMicroelectronics

Part # L6228
Description  DMOS DRIVER FOR BIPOLAR STEPPER MOTOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6228 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L6228 Datasheet HTML 16Page - STMicroelectronics L6228 Datasheet HTML 17Page - STMicroelectronics L6228 Datasheet HTML 18Page - STMicroelectronics L6228 Datasheet HTML 19Page - STMicroelectronics L6228 Datasheet HTML 20Page - STMicroelectronics L6228 Datasheet HTML 21Page - STMicroelectronics L6228 Datasheet HTML 22Page - STMicroelectronics L6228 Datasheet HTML 23Page - STMicroelectronics L6228 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
L6228
20/26
Output Current Capability and IC Power Dissipation
In Fig. 24, 25, 26 and 27 are shown the approximate relation between the output current and the IC power dis-
sipation using PWM current control driving a two-phase stepper motor, for different driving sequences:
– HALF STEP mode (Fig. 24) in which alternately one phase / two phases are energized.
– NORMAL DRIVE (FULL-STEP TWO PHASE ON) mode (Fig. 25) in which two phases are energized
during each step.
– WAVE DRIVE (FULL-STEP ONE PHASE ON) mode (Fig. 26) in which only one phase is energized at
each step.
– MICROSTEPPING mode (Fig. 27), in which the current follows a sine-wave profile, provided through
the Vref pins.
For a given output current and driving sequence the power dissipated by the IC can be easily evaluated, in order
to establish which package should be used and how large must be the on-board copper dissipating area to guar-
antee a safe operating junction temperature (125°C maximum).
Figure 24. IC Power Dissipation versus Output Current in HALF STEP Mode.
Figure 25. IC Power Dissipation versus Output Current in NORMAL Mode (full step two phase on).
No PWM
f
SW
= 30 kHz (slow decay)
Test Conditions:
Supply Voltage = 24V
I A
I B
IOUT
IOUT
PD [W]
I OUT [A]
HALF STEP
0
0.25 0.5 0.75 1
1.25 1.5
0
2
4
6
8
10
No PWM
fSW = 30 kHz (slow decay)
Test Conditions:
Supply Volt age =24 V
I A
I B
IOUT
IOUT
PD [W ]
I OUT [A ]
NORM AL DRIVE
0
0.25 0.5 0.75
1
1.25 1.5
0
2
4
6
8
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com