Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

Z84C9012VSC00TR Datasheet(PDF) 21 Page - Zilog, Inc.

Part # Z84C9012VSC00TR
Description  Parallel Counter/Timer
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z84C9012VSC00TR Datasheet(HTML) 21 Page - Zilog, Inc.

Back Button Z84C9012VSC00TR Datasheet HTML 17Page - Zilog, Inc. Z84C9012VSC00TR Datasheet HTML 18Page - Zilog, Inc. Z84C9012VSC00TR Datasheet HTML 19Page - Zilog, Inc. Z84C9012VSC00TR Datasheet HTML 20Page - Zilog, Inc. Z84C9012VSC00TR Datasheet HTML 21Page - Zilog, Inc. Z84C9012VSC00TR Datasheet HTML 22Page - Zilog, Inc. Z84C9012VSC00TR Datasheet HTML 23Page - Zilog, Inc. Z84C9012VSC00TR Datasheet HTML 24Page - Zilog, Inc. Z84C9012VSC00TR Datasheet HTML 25Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
PS011804-0612
Register Address Decoding for the KIO
Z84C90 KIO Serial/Parallel Counter/Timer
Product Specification
14
Register 5: CTC Channel 1
0101
Register 6: CTC Channel 2
0110
Register 7: CTC Channel 3
0111
Register 8: SIO Port A Data
1000
Register 9: SIO Port A Command/Status
1001
Register 10: SIO Channel B Data
1010
Register 11: SIO Channel B Command/Status
1011
Register 12: PIA Port C Data
1100
Register 13: PIA Port C Command
1101
Register 14: KIO Command
1110
Register 15: KIO Command B
1111
Table 2. KIO Registers (Continued)
Address
A3A2A1A0
Note: Additionally, IORQ and CS must be Low. Registers are written to or read from by the
CPU, applying a 1 or a 0 respectively on the RD pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com