Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATSAM3N0BA-MU Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATSAM3N0BA-MU
Description  ARM-based Flash MCU
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3N0BA-MU Datasheet(HTML) 1 Page - ATMEL Corporation

  ATSAM3N0BA-MU Datasheet HTML 1Page - ATMEL Corporation ATSAM3N0BA-MU Datasheet HTML 2Page - ATMEL Corporation ATSAM3N0BA-MU Datasheet HTML 3Page - ATMEL Corporation ATSAM3N0BA-MU Datasheet HTML 4Page - ATMEL Corporation ATSAM3N0BA-MU Datasheet HTML 5Page - ATMEL Corporation ATSAM3N0BA-MU Datasheet HTML 6Page - ATMEL Corporation ATSAM3N0BA-MU Datasheet HTML 7Page - ATMEL Corporation ATSAM3N0BA-MU Datasheet HTML 8Page - ATMEL Corporation ATSAM3N0BA-MU Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
Features
• Core
– ARM® Cortex®-M3 revision 2.0 running at up to 48 MHz
–Thumb®-2 instruction
– 24-bit SysTick Counter
– Nested Vector Interrupt Controller
• Pin-to-pin compatible with SAM7S legacy products (48- and 64-pin versions) and
SAM3S (48-, 64- and 100-pin versions)
• Memories
– From 16 to 256 Kbytes embedded Flash, 128-bit wide access, memory accelerator,
single plane
– From 4 to 24 Kbytes embedded SRAM
– 16 Kbytes ROM with embedded bootloader routines (UART) and IAP routines
• System
– Embedded voltage regulator for single supply operation
– Power-on-Reset (POR), Brown-out Detector (BOD) and Watchdog for safe
operation
– Quartz or ceramic resonator oscillators: 3 to 20 MHz main power with Failure
Detection and optional low power 32.768 kHz for RTC or device clock
– High precision 8/12 MHz factory trimmed internal RC oscillator with 4 MHz default
frequency for device startup. In-application trimming access for frequency
adjustment
– Slow Clock Internal RC oscillator as permanent low-power mode device clock
– One PLL up to 130 MHz for device clock
– Up to 10 peripheral DMA (PDC) channels
• Low Power Modes
– Sleep and Backup modes, down to 3 µA in Backup mode
– Ultra low power RTC
• Peripherals
– Up to 2 USARTs with RS-485 and SPI mode support. One USART (USART0) has
ISO7816, IrDA® and PDC support in addition
– Two 2-wire UARTs
– 2 Two Wire Interface (I2C compatible), 1 SPI
– Up to 6 Three-Channel 16-bit Timer/Counter with capture, waveform, compare and
PWM mode. Quadrature Decoder Logic and 2-bit Gray Up/Down Counter for
Stepper Motor
– 4-channel 16-bit PWM
– 32-bit Real-time Timer and RTC with calendar and alarm features
– Up to 16 channels, 384 KSPS 10-bit ADC
– One 500 KSPS 10-bit DAC
• I/O
– Up to 79 I/O lines with external interrupt capability (edge or level sensitivity),
debouncing, glitch filtering and on-die Series Resistor Termination
– Three 32-bit Parallel Input/Output Controllers
• Packages
– 100-lead LQFP, 14 x 14 mm, pitch 0.5 mm/100-ball TFBGA, 9 x 9 mm, pitch 0.8 mm
– 64-lead LQFP, 10 x 10 mm, pitch 0.5 mm/64-pad QFN 9x9 mm, pitch 0.5 mm
– 48-lead LQFP, 7 x 7 mm, pitch 0.5 mm/48-pad QFN 7x7 mm, pitch 0.5 mm
AT91SAM
ARM-based
Flash MCU
SAM3N Series
Summary
11011BS–ATARM–22-Feb-12


Similar Part No. - ATSAM3N0BA-MU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATSAM3N-EK ATMEL-ATSAM3N-EK Datasheet
565Kb / 2P
Atmel Evaluation Kits
ATSAM3N1AA-AU ATMEL-ATSAM3N1AA-AU Datasheet
254Kb / 2P
Cortex M3 Flash Microcontroller Converges Performance and Simplicity
ATSAM3N1AA-MU ATMEL-ATSAM3N1AA-MU Datasheet
254Kb / 2P
Cortex M3 Flash Microcontroller Converges Performance and Simplicity
ATSAM3N1BA-AU ATMEL-ATSAM3N1BA-AU Datasheet
254Kb / 2P
Cortex M3 Flash Microcontroller Converges Performance and Simplicity
ATSAM3N1BA-MU ATMEL-ATSAM3N1BA-MU Datasheet
254Kb / 2P
Cortex M3 Flash Microcontroller Converges Performance and Simplicity
More results

Similar Description - ATSAM3N0BA-MU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM ATMEL-AT91SAM Datasheet
638Kb / 67P
ARM-based Flash MCU
AT91SAM ATMEL-AT91SAM_13 Datasheet
4Mb / 775P
ARM-based Flash MCU
AT91SAM7S128C-AU-999 ATMEL-AT91SAM7S128C-AU-999 Datasheet
4Mb / 775P
ARM-based Flash MCU
SAM4S ATMEL-SAM4S_14 Datasheet
6Mb / 1231P
ARM-based Flash MCU
SAM4N ATMEL-SAM4N_14 Datasheet
13Mb / 795P
ARM-based Flash MCU
SAM7X512 ATMEL-SAM7X512_14 Datasheet
2Mb / 662P
ARM-based Flash MCU
SAM7X128 ATMEL-SAM7X128_14 Datasheet
2Mb / 662P
ARM-based Flash MCU
SAM7X256 ATMEL-SAM7X256_14 Datasheet
2Mb / 662P
ARM-based Flash MCU
SAM7S321 ATMEL-SAM7S321_14 Datasheet
4Mb / 775P
ARM-based Flash MCU
SAM7X512 ATMEL-SAM7X512 Datasheet
3Mb / 662P
ARM-based Flash MCU
11-Feb-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com