Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATSAM3N0BA-MU Datasheet(PDF) 48 Page - ATMEL Corporation

Part # ATSAM3N0BA-MU
Description  ARM-based Flash MCU
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3N0BA-MU Datasheet(HTML) 48 Page - ATMEL Corporation

Back Button ATSAM3N0BA-MU Datasheet HTML 44Page - ATMEL Corporation ATSAM3N0BA-MU Datasheet HTML 45Page - ATMEL Corporation ATSAM3N0BA-MU Datasheet HTML 46Page - ATMEL Corporation ATSAM3N0BA-MU Datasheet HTML 47Page - ATMEL Corporation ATSAM3N0BA-MU Datasheet HTML 48Page - ATMEL Corporation ATSAM3N0BA-MU Datasheet HTML 49Page - ATMEL Corporation ATSAM3N0BA-MU Datasheet HTML 50Page - ATMEL Corporation ATSAM3N0BA-MU Datasheet HTML 51Page - ATMEL Corporation ATSAM3N0BA-MU Datasheet HTML 52Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 60 page
background image
48
11011BS–ATARM–22-Feb-12
SAM3N Summary
– Two multi-purpose input/output signals
• Two global registers that act on all three TC Channels
• Quadrature decoder
– Advanced line filtering
– Position/revolution/speed
• 2-bit Gray Up/Down Counter for Stepper Motor
12.6
Pulse Width Modulation Controller (PWM)
• Four channels, one 16-bit counter per channel
• Common clock generator, providing thirteen different clocks
– One Modulo n counter providing eleven clocks
– Two independent linear dividers working on modulo n counter outputs
• Independent channel programming
– Independent enable/disable commands
– Independent clock selection
– Independent period and duty cycle, with double buffering
– Programmable selection of the output waveform polarity
12.7
10-bit Analog-to-Digital Converter
• Up to 16-channel ADC
• 10-bit 384 Ksamples/sec. or 8-bit 583 Ksamples/sec. Successive Approximation Register
ADC
• ±2 LSB Integral Non Linearity, ±1 LSB Differential Non Linearity
• Integrated 8-to-1 multiplexer, offering eight independent 3.3V analog inputs
• External voltage reference for better accuracy on low voltage inputs
• Individual enable and disable of each channel
• Multiple trigger source
– Hardware or software trigger
– External trigger pin
– Timer Counter 0 to 2 outputs TIOA0 to TIOA2 trigger
• Sleep Mode and conversion sequencer
– Automatic wakeup on trigger and back to sleep mode after conversions of all
enabled channels
12.8
Digital-to-Analog Converter (DAC)
• 1 channel 10-bit DAC
• Up to 500 ksamples/s conversion rate
• Flexible conversion range
• Multiple trigger sources
• One PDC channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com