Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3263TMX/NOPB Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LM3263TMX/NOPB
Description  LM3263 High-Current Step-Down DC-DC Converter with MIPI짰 RF Front-End Control Interface for RF Power Amplifiers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3263TMX/NOPB Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM3263TMX/NOPB Datasheet HTML 11Page - Texas Instruments LM3263TMX/NOPB Datasheet HTML 12Page - Texas Instruments LM3263TMX/NOPB Datasheet HTML 13Page - Texas Instruments LM3263TMX/NOPB Datasheet HTML 14Page - Texas Instruments LM3263TMX/NOPB Datasheet HTML 15Page - Texas Instruments LM3263TMX/NOPB Datasheet HTML 16Page - Texas Instruments LM3263TMX/NOPB Datasheet HTML 17Page - Texas Instruments LM3263TMX/NOPB Datasheet HTML 18Page - Texas Instruments LM3263TMX/NOPB Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 39 page
background image
LM3263
www.ti.com
SNVS837 – JUNE 2013
Active Mode
The Active mode is a DC-DC converter operating mode that allows the device to function, process RFFE
commands, and respond to RFFE commands. This mode can be entered by setting register 1Ch PM_TRIG [7:6]
to 00b. Once the device is the Active Mode, the DC-DC converter operating mode and the output voltage can be
programmed by using REGISTER_0 [6:0] and VSET_CTRL[7:0] registers.
Dynamic Adjustment of Output Voltage
The LM3263 can be dynamically programmed the output voltage from 0.4V to 3.6V with 30 mV or 15 mV steps.
REGISTER_0 [6:0] is set to 0Dh to 78h with 30 mV output voltage steps, and VSET_CTRL [7:0] is set to 1Bh to
F0h with 15 mV steps. Although the output voltage can be programmed lower than 0.4V and higher than 3.6V by
setting the registers, the device might suffer from larger output ripple voltage, higher current limit operation, and
decreased linearity.
DC-DC Operating Mode Selection
Programming SMPS_CFG [5] changes the state of the converter to one of the two allowed modes of operation.
SMPS_CFG [5] default is 0b and the device operates in Forced PWM mode (PWM only). Setting the register bit
to 1b sets the device for automatic transition between PFM/PWM mode operation. In this mode, the converter
operates in PFM mode to maintain the output voltage regulation at very light loads and transitions into PWM
mode at loads exceeding 120 mA (typ). Setting the register bit to 0b sets the device for PWM mode operation.
The switching operation is in PWM mode only, and the switching frequency is also 2.7 MHz (typ). The device
operates in Forced-Bypass mode when SMPS_CFG [4] is set to 1b.
For typical operation mode is set to Auto-PFM and Auto-Bypass modes by setting SMPS_CFG = 20h.
Table 1 shows the LM3263 parameters for the given modes.
Table 1. Parameters under Different Modes of Operation
SMPS_CFG [5] MODE
SMPS_CFG [4] BYPS
IOUT Conditions
Operation Mode
0
0
X
Forced-PWM
X(1)
1
X
Forced-Bypass
1
0
IOUT ≤ 60 mA
PFM
1
0
60 mA < IOUT ≤ 120 mA
PFM or PWM
1
0
IOUT > 120 mA
PWM
(1)
doesn't care
Internal Synchronous Rectification
The LM3263 uses an internal NFET as a synchronous rectifier to reduce rectifier forward voltage drop, thus
increasing efficiency. The reduced forward voltage drop in the internal NFET synchronous rectifier significantly
improves efficiency for low output voltage operation. The NFET is designed to conduct through its intrinsic body
diode during the transient intervals, eliminating the need of an external diode.
Current Limit
The LM3263 current limit feature protects the converter during current overload conditions. Both SW and ACB
pins have positive and negative current limits. The positive and negative current limits bound the SW and ACB
currents in both directions. The SW pin has two positive current limits. The ILIM,PFET,SteadyState current limit triggers
the ACB circuit. Once the peak inductor current exceeds ILIM,PFET,SteadyState, the ACB circuit starts assisting the
switcher and provides just enough current to keep the inductor current from exceeding ILIM,PFET,SteadyState allowing
the switcher to operate at maximum efficiency. Transiently a second current limit ILIM,PFET,Transient of 1.9A (typ. or
2.1 max.) limits the maximum peak inductor current possible. The output voltage will fall out of regulation only
after both SW and ACB output pin currents reach their respective current limits of ILIM,PFET,Transient and ILIM,P-ACB .
Timed Current Limit
If the load or output short-circuit pulls the output voltage to 0.3V or lower, and the peak inductor current sustains
ILIM,PFET,SteadyState more than 10 µs, the LM3263 switches to a timed current limit mode. In this mode, the internal
PFET switch is turned off. After approximately 30 µs, the device will return to the normal operation.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LM3263



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com