Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMP2234AMAX/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LMP2234AMAX/NOPB
Description  LMP2234 Quad Micropower, 1.6V, Precision, Operational Amplifier with CMOS Input
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP2234AMAX/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMP2234AMAX/NOPB Datasheet HTML 9Page - Texas Instruments LMP2234AMAX/NOPB Datasheet HTML 10Page - Texas Instruments LMP2234AMAX/NOPB Datasheet HTML 11Page - Texas Instruments LMP2234AMAX/NOPB Datasheet HTML 12Page - Texas Instruments LMP2234AMAX/NOPB Datasheet HTML 13Page - Texas Instruments LMP2234AMAX/NOPB Datasheet HTML 14Page - Texas Instruments LMP2234AMAX/NOPB Datasheet HTML 15Page - Texas Instruments LMP2234AMAX/NOPB Datasheet HTML 16Page - Texas Instruments LMP2234AMAX/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
1.5
2.5
3.5
4.5
5.5
SUPPLY VOLTAGE (V)
0
5
10
15
20
25
30
35
40
-40°C
25°C
85°C
125°C
1.5
2.5
3.5
4.5
5.5
SUPPLY VOLTAGE (V)
0
5
10
15
20
25
30
125°C
85°C
25°C
-40°C
10
100
1k
10k
100k
FREQUENCY (Hz)
-160
-140
-120
-100
-80
-60
-40
-20
0
+PSRR
-PSRR
VS = 2V, 2.5V, 3.3V, 5V
VS = 2V
VS = 5V
1.5
2.5
3.5
4.5
5.5
SUPPLY VOLTAGE (V)
5
6
7
8
9
10
11
125°C
85°C
25°C
-40°C
0
1
2
3
4
VCM (V)
-30
-20
-10
0
10
20
30
-25
-15
-5
5
15
25
VS = 5V
125°C
85°C
0
1
2
3
4
VCM (V)
-300
-200
-100
0
100
200
300
400
500
600
25°C
-40°C
VS = 5V
LMP2234
www.ti.com
SNOSAW4D – SEPTEMBER 2007 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
Unless otherwise Specified: TA = 25°C, VS = 5V, VCM = VS/2, where VS = V
+ - V−
Input Bias Current vs. VCM
Input Bias Current vs. VCM
Figure 27.
Figure 28.
PSRR vs. Frequency
Supply Current vs. Supply Voltage (per channel)
Figure 29.
Figure 30.
Sinking Current vs. Supply Voltage
Sourcing Current vs. Supply Voltage
Figure 31.
Figure 32.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LMP2234



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com