Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMP2234AMAX/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LMP2234AMAX/NOPB
Description  LMP2234 Quad Micropower, 1.6V, Precision, Operational Amplifier with CMOS Input
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP2234AMAX/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LMP2234AMAX/NOPB Datasheet HTML 10Page - Texas Instruments LMP2234AMAX/NOPB Datasheet HTML 11Page - Texas Instruments LMP2234AMAX/NOPB Datasheet HTML 12Page - Texas Instruments LMP2234AMAX/NOPB Datasheet HTML 13Page - Texas Instruments LMP2234AMAX/NOPB Datasheet HTML 14Page - Texas Instruments LMP2234AMAX/NOPB Datasheet HTML 15Page - Texas Instruments LMP2234AMAX/NOPB Datasheet HTML 16Page - Texas Instruments LMP2234AMAX/NOPB Datasheet HTML 17Page - Texas Instruments LMP2234AMAX/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
1.5
2
2.5
3
3.5
4
4.5
5
5.5
SUPPLY VOLTAGE (V)
40
44
48
52
56
60
FALLING EDGE
RISING EDGE
20
40
60
80
100
CAPACITIVE LOAD (pF)
50
60
70
80
90
VS = 5V
RL = 100 k:
RL = 10 k:
VS = 2.5V
VS = 3.3V
VS = 1.8V
10
1k
1M
FREQUENCY (Hz)
-25
25
100
100k
10k
100
75
50
0
VS = 1.8V, 2.5V, 3.3V, 5V
RL = 10 k:, 100 k:, 10 M:
CL = 20 pF, 50 pF, 100 pF
GAIN
PHASE
-30
30
120
90
60
0
10
1k
1M
FREQUENCY (Hz)
-25
25
100
100k
10k
100
75
50
0
PHASE
GAIN
-30
30
120
90
60
0
VS = 5V
RL = 10 k:
CL = 20 pF
-40°C
25°C
85°C
125°C
-40°C
25°C
125°C
85°C
1.5
2.5
3.5
4.5
5.5
SUPPLY VOLTAGE (V)
10
15
20
25
125°C
85°C
25°C
-40°C
RL = 10 k:
1.5
2.5
3.5
4.5
5.5
SUPPLY VOLTAGE (V)
5
10
15
20
25
30
125°C
85°C
-40°C
25°C
RL = 10 k:
LMP2234
SNOSAW4D – SEPTEMBER 2007 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise Specified: TA = 25°C, VS = 5V, VCM = VS/2, where VS = V
+ - V−
Output Swing High vs. Supply Voltage
Output Swing Low vs. Supply Voltage
Figure 33.
Figure 34.
Open Loop Frequency Response
Open Loop Frequency Response
Figure 35.
Figure 36.
Phase Margin vs. Capacitive Load
Slew Rate vs. Supply Voltage
Figure 37.
Figure 38.
14
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LMP2234



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com