Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M51995AFP-CF0J Datasheet(PDF) 35 Page - Renesas Technology Corp

Part # M51995AFP-CF0J
Description  Switching Regulator Control
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M51995AFP-CF0J Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button M51995AFP-CF0J Datasheet HTML 31Page - Renesas Technology Corp M51995AFP-CF0J Datasheet HTML 32Page - Renesas Technology Corp M51995AFP-CF0J Datasheet HTML 33Page - Renesas Technology Corp M51995AFP-CF0J Datasheet HTML 34Page - Renesas Technology Corp M51995AFP-CF0J Datasheet HTML 35Page - Renesas Technology Corp M51995AFP-CF0J Datasheet HTML 36Page - Renesas Technology Corp M51995AFP-CF0J Datasheet HTML 37Page - Renesas Technology Corp M51995AFP-CF0J Datasheet HTML 38Page - Renesas Technology Corp M51995AFP-CF0J Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 43 page
background image
M51995AP/AFP
REJ03D0835-0300 Rev.3.00 Jun 06, 2008
Page 33 of 40
2. Over current limiting curve
(1) In case of feed forward system
(a) Feed forward system
(b) Primary and secondary current
I1
I2
IP1
IP2
I1
CLM
RCLM
I2
Figure 31 Primary and Secondary Current Waveforms Under the Current Limiting Operation
Condition on Feed Forward System
Figure 31 shows the primary and secondary current wave-forms under the current limiting operation.
At the typical application of pulse-by-pulse primary current detecting circuit, the secondary current depends on
the primary current. As the peak value of secondary current is limited to specified value, the characteristics
curve of output voltage versus output current become to the one as shown in figure 32.
The demerit of the pulse by pulse current limiting system is that the output pulse width can not reduce to less
than some value because of the delay time of low pass filter connected to the CLM terminal and propagation
delay time TPDCLM from CLM terminal to output terminal of type M51995A. The typical TPDCLM is 100 ns.
As the frequency becomes higher, the delay time must be shorter. And as the secondary output voltage becomes
higher, the dynamic range of on-duty must be wider; it means that it is required to make the on-duration much
more narrower.
So this system has the demerit at the higher oscillating frequency and higher output voltage applications.
Output Current
Figure 32 Over Current Limiting Curve on Feed Forward System
To improve these points, the oscillating frequency is set low using the characteristics of VF terminal.
When the current limiting circuit operates under the over current condition, the oscillating frequency decreases
in accordance with the decrease of VF terminal voltage, if the VF is lower than 3.5V.And also the dead time
becomes longer.
Under the condition of current limiting operation, the output current I2 continues as shown in figure 31. So the
output voltage depends on the product of the input primary voltage VIN and the on-duty.
If the third winding polarity is positive, the VCC depends on VIN, so it is concluded that the smoothed voltage of
VOUT terminal depends on the output DC voltage of the SMPS.
So the sharp current limiting characteristics will be got, if the VOUT voltage if feed back to VF terminal through
low pass filter as shown in figure 33.
It is recommended to use 15 k
Ω for R
VFFB, and 10,000 pF for CVFFB in figure 33.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com