Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M51995AFP-CF0J Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # M51995AFP-CF0J
Description  Switching Regulator Control
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M51995AFP-CF0J Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button M51995AFP-CF0J Datasheet HTML 22Page - Renesas Technology Corp M51995AFP-CF0J Datasheet HTML 23Page - Renesas Technology Corp M51995AFP-CF0J Datasheet HTML 24Page - Renesas Technology Corp M51995AFP-CF0J Datasheet HTML 25Page - Renesas Technology Corp M51995AFP-CF0J Datasheet HTML 26Page - Renesas Technology Corp M51995AFP-CF0J Datasheet HTML 27Page - Renesas Technology Corp M51995AFP-CF0J Datasheet HTML 28Page - Renesas Technology Corp M51995AFP-CF0J Datasheet HTML 29Page - Renesas Technology Corp M51995AFP-CF0J Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 43 page
background image
M51995AP/AFP
REJ03D0835-0300 Rev.3.00 Jun 06, 2008
Page 24 of 40
Supply Voltage VCC (V)
2.0
1.5
1.0
0.5
0
0
5
10
15
20
25
30
Figure 14 ICC vs. VCC in Timer-off Duration of Intermittent Action Circuit
Voltage Detector Circuit (DET) Section
The DET terminal can be used to control the output voltage which is determined by the winding ratio of fly back
transformer in fly-back system or in case of common ground circuit of primary and secondary in feed forward system.
The circuit diagram is quite similar to that of shunt regulator type 431 as shown in figure 15. As well known from
figure 15 and figure 16, the output of OP AMP has the current-sink ability, when the DET terminal voltage is higher
than 2.5 V but it becomes high impedance state when lower than 2.5 V DET terminal and F/B terminal have inverting
phase characteristics each other, so it is recommended to connect the resistor and capacitor in series between them for
phase compensation. It is very important, one can not connect by resistor directly as there is the voltage difference
between them and the capacitor has the DC stopper function.
≈ 7.1 V
DET
5.4 k
10.8 k
10.8 k
1.2 k
F/B
6 S
3 k
500
Ω
1 S
10 S
Figure 15 Equivalent Circuit Diagram of Voltage Detector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com