Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

3G5A2-OF201 Datasheet(PDF) 70 Page - Omron Electronics LLC

Part # 3G5A2-OF201
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-OF201 Datasheet(HTML) 70 Page - Omron Electronics LLC

Back Button 3G5A2-OF201 Datasheet HTML 66Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 67Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 68Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 69Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 70Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 71Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 72Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 73Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 74Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 182 page
background image
57
3-4-4 Emergency Stop
You can use an external relay (CR in the following figure) to form an emergency
stop circuit that shuts down the system when PC operation stops. This can be
achieved by wiring the RUN output from the Power Supply Unit on the CPU Rack
as shown below.
MCB1
MCB2
CR1
Power supply
Control section
DC voltage
regulator
Transformer
or noise filter
Twisted-pair wires
PC RUN
output
+
–
DC
input/output
CR1
Surge suppressor
PC
3-4-5 Power Interruptions
A sequence circuit is built into the PC to handle power interruptions. This circuit
prevents malfunctions due to momentary power loss or voltage drops. A timing
diagram for the operation of this circuit is shown below.
Power supply
Power interrup-
tion detection
signal
Program execution
Momentary Power
Interruption Flag
(A40202)
CPU reset signal
RUN output
*0.3 to 1 ms for DC power.
85%
Power interruption
power interruption detection time: 10 to 25 ms*
Shutdown processing
Momentary power inter-
ruption time (default: 0 ms)
Initialization
Normal
Normal
Stops
Standby
Power retention time: 10 ms (fixed)
Power OFF
interrupt program
Power-ON
interrupt program
Power Supply Units
Section 3-4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com