Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

3G5A2-OF201 Datasheet(PDF) 85 Page - Omron Electronics LLC

Part # 3G5A2-OF201
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-OF201 Datasheet(HTML) 85 Page - Omron Electronics LLC

Back Button 3G5A2-OF201 Datasheet HTML 81Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 82Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 83Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 84Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 85Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 86Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 87Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 88Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 89Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 182 page
background image
72
4-3
Output Unit Fuses
The following Output Units have one fuse each as shown in the table.
Output Unit
Fuse specifications
C500-OD411
C500-OD217
C500-OA223
250 V, 5 A
C500-OA121
C500-OA222
C500-OA226
250 V, 5 A
C500-OD219
250 V, 10 A
To replace a fuse in an Output Unit, perform the following steps.
1, 2, 3...
1. Turn off the power to the PC.
2. Detach the terminal block from the Output Unit by removing the screws lo-
cated at the top and bottom of the terminal block.
Mounting screws
Located at the top and bottom.
Terminal block mounting screws
Located at the top and bottom of
the terminal block.
Cover mounting screws (8)
3. Remove the screws that mount the Output Unit to the Backplane. Pulling the
Unit toward you, remove the Output Unit from the Backplane.
4. There are eight screws on each side of the Output Unit. Remove these
screws to detach the case from the cover.
5. Pull out the printed circuit board.
6. Insert a new fuse.
7. Reassemble the Unit.
4-4
Output Unit Relays
To replace a Relay in an Output Unit, take the following steps.
1, 2, 3...
1. Turn off the power to the PC.
Output Unit Relays
Section 4-4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com