Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM1086CS-3.3/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM1086CS-3.3/NOPB
Description  LM1086IT-5.0-NOPB
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM1086CS-3.3/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM1086CS-3.3/NOPB Datasheet HTML 1Page - Texas Instruments LM1086CS-3.3/NOPB Datasheet HTML 2Page - Texas Instruments LM1086CS-3.3/NOPB Datasheet HTML 3Page - Texas Instruments LM1086CS-3.3/NOPB Datasheet HTML 4Page - Texas Instruments LM1086CS-3.3/NOPB Datasheet HTML 5Page - Texas Instruments LM1086CS-3.3/NOPB Datasheet HTML 6Page - Texas Instruments LM1086CS-3.3/NOPB Datasheet HTML 7Page - Texas Instruments LM1086CS-3.3/NOPB Datasheet HTML 8Page - Texas Instruments LM1086CS-3.3/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
VIN
N/C
N/C
VOUT
1
3
4
2
6
5
7
8
ADJ/GND
N/C
VOUT
VOUT
VOUT
LM1086
www.ti.com
SNVS039H – JUNE 2000 – REVISED MAY 2013
LM1086 1.5A Low Dropout Positive Regulators
Check for Samples: LM1086
1
FEATURES
DESCRIPTION
The LM1086 is a series of low dropout positive
2
•
Available in 1.8V, 2.5V, 2.85V, 3.3V, 3.45V, 5V
voltage regulators with a maximum dropout of 1.5V at
and Adjustable Versions
1.5A of load current. It has the same pin-out as TI's
•
Current Limiting and Thermal Protection
industry standard LM317.
•
Output Current 1.5A
The LM1086 is available in an adjustable version,
•
Line Regulation 0.015% (typical)
which can set the output voltage with only two
external resistors. It is also available in six fixed
•
Load Regulation 0.1% (typical)
voltages: 1.8V, 2.5V, 2.85V, 3.3V, 3.45V and 5.0V.
The fixed versions integrate the adjust resistors.
APPLICATIONS
The
LM1086
circuit
includes
a
zener
trimmed
•
SCSI-2 Active Terminator
bandgap reference, current limiting and thermal
•
High Efficiency Linear Regulators
shutdown.
•
Battery Charger
•
Post Regulation for Switching Supplies
•
Constant Current Regulator
•
Microprocessor Supply
Connection Diagram
Pins 6, 7, and 8 must be tied together.
Figure 1. TO-220
Figure 2. DDPAK/TO-263
Figure 3. WSON
Top View
Top View
Top View
Figure 4. Basic Functional Diagram,
Figure 5. Application Circuit
Adjustable Version
1.2V to 15V Adjustable Regulator
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM1086CS-3.3/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM1086CS-3.3/NOPB TI1-LM1086CS-3.3/NOPB Datasheet
2Mb / 24P
LM1086 1.5A Low Dropout Positive Regulators
LM1086CS-3.3/NOPB TI1-LM1086CS-3.3/NOPB Datasheet
2Mb / 24P
LM1086 1.5A Low Dropout Positive Regulators
LM1086CS-3.3/NOPB TI1-LM1086CS-3.3/NOPB Datasheet
2Mb / 30P
1.5-A Low Dropout Positive Regulators
More results

Similar Description - LM1086CS-3.3/NOPB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN21RPX PANASONIC-LN21RPX Datasheet
30Kb / 1P
5.0 mm Series
LN21RTH PANASONIC-LN21RTH Datasheet
30Kb / 1P
5.0 mm Series
LNG892CF8 PANASONIC-LNG892CF8 Datasheet
29Kb / 1P
5.0 mm InGaAIP
logo
Golledge Electronics Lt...
GVXO-525 GOLLEDGE-GVXO-525 Datasheet
92Kb / 2P
5.0 SM VCXO
logo
Vectron International, ...
VCC1FIBR VECTRON-VCC1FIBR Datasheet
93Kb / 1P
5.0 Vcd Option
logo
Vishay Siliconix
30CTT100 VISHAY-30CTT100_15 Datasheet
82Kb / 7P
Schottky Generation 5.0
19-Feb-08
logo
Texas Instruments
LM136-5.0 TI-LM136-5.0_15 Datasheet
432Kb / 14P
LM136-5.0, LM236-5.0, LM336-5.0 5.0V Reference Diode
logo
TAI-SAW TECHNOLOGY CO.,...
TN0068A TAI-SAW-TN0068A Datasheet
336Kb / 7P
Thru 40MHz~1040MHz SMD 5.0 x 5.0 mm
logo
HK TO-GRACE TECHNOLOGY ...
KAAF-5050RGBS-13 TO-GRACE-KAAF-5050RGBS-13 Datasheet
1Mb / 5P
5.0 mm x 5.0 mm Surface Mount LED Lamp
logo
SunLED Corporation
XZM2CRKDGKCBD107S-IC SUNLED-XZM2CRKDGKCBD107S-IC Datasheet
364Kb / 6P
5.0 x 5.0 mm Surface Mount LED Lamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com