Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM1086CS-3.3/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM1086CS-3.3/NOPB
Description  LM1086IT-5.0-NOPB
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM1086CS-3.3/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM1086CS-3.3/NOPB Datasheet HTML 8Page - Texas Instruments LM1086CS-3.3/NOPB Datasheet HTML 9Page - Texas Instruments LM1086CS-3.3/NOPB Datasheet HTML 10Page - Texas Instruments LM1086CS-3.3/NOPB Datasheet HTML 11Page - Texas Instruments LM1086CS-3.3/NOPB Datasheet HTML 12Page - Texas Instruments LM1086CS-3.3/NOPB Datasheet HTML 13Page - Texas Instruments LM1086CS-3.3/NOPB Datasheet HTML 14Page - Texas Instruments LM1086CS-3.3/NOPB Datasheet HTML 15Page - Texas Instruments LM1086CS-3.3/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
LM1086
SNVS039H – JUNE 2000 – REVISED MAY 2013
www.ti.com
The required heat sink is determined by calculating its required thermal resistance (
θHA(max)).
θHA(max) = θJA(max) − (θJC + θCH)
θHA (max) should be calculated twice as follows:
θHA (max) = θJA(max, CONTROL SECTION) - (θJC (CONTROL SECTION) + θCH)
θHA (max)= θJA(max, OUTPUT SECTION) - (θJC(OUTPUT SECTION) + θCH)
If thermal compound is used,
θCH can be estimated at 0.2 C/W. If the case is soldered to the heat sink, then a
θCH can be estimated as 0 C/W.
After,
θHA (max) is calculated for each section, choose the lower of the two θHA (max) values to determine the
appropriate heat sink.
If PC board copper is going to be used as a heat sink, then Figure 24 can be used to determine the appropriate
area (size) of copper foil required.
Figure 24. Heat sink thermal Resistance vs. Area
Typical Applications
Figure 25. 5V to 3.3V, 1.5A Regulator
Figure 26. Adjustable @ 5V
12
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM1086



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com