Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6470PD Datasheet(PDF) 34 Page - STMicroelectronics

Part # L6470PD
Description  dSPIN fully integrated microstepping motor driver with motion engine and SPI
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6470PD Datasheet(HTML) 34 Page - STMicroelectronics

Back Button L6470PD Datasheet HTML 30Page - STMicroelectronics L6470PD Datasheet HTML 31Page - STMicroelectronics L6470PD Datasheet HTML 32Page - STMicroelectronics L6470PD Datasheet HTML 33Page - STMicroelectronics L6470PD Datasheet HTML 34Page - STMicroelectronics L6470PD Datasheet HTML 35Page - STMicroelectronics L6470PD Datasheet HTML 36Page - STMicroelectronics L6470PD Datasheet HTML 37Page - STMicroelectronics L6470PD Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 70 page
background image
Phase current control
L6470
34/70
Doc ID16737 Rev 5
7
Phase current control
The L6470 controls the phase current applying a sinusoidal voltage to motor windings.
Phase current amplitude is not directly controlled but depends on phase voltage amplitude,
load torque, motor electrical characteristics and rotation speed. Sinewave amplitude is
proportional to the motor supply voltage multiplied by a coefficient (KVAL). KVAL ranges from
0 to 100% and the sinewave amplitude can be obtained through the following formula:
Equation 1
Different KVAL values can be programmed for acceleration, deceleration and constant speed
phases and when the motor is stopped (HOLD phase) through the KVAL_ACC, KVAL_DEC,
KVAL_RUN and KVAL_HOLD registers (see Section 9.1.10). KVAL value is calculated
according to the following formula:
Equation 2
where KVAL_X is the starting KVAL value programmed for present motion phase (KVAL_ACC,
KVAL_DEC, KVAL_RUN or KVAL_HOLD), BEMF_COMP is the BEMF compensation curve
value, VSCOMP and K_THERM are the motor supply voltage and winding resistance
compensation factors and microstep is the current microstep value (fraction of target peak
current).
The L6470 offers various methods to guarantee a stable current value, allowing the
compensation of:
low speed optimization (Section 7.3 7.3)
back electromotive force value (Section 7.4 7.4)
motor supply voltage variation (Section 7.5 7.5)
windings resistance variation (Section 7.67.6).
7.1
PWM sinewave generators
The two voltage sinewaves applied to the stepper motor phases are generated by two PWM
modulators.
The PWM frequency (fPWM) is proportional to the oscillator frequency (fOSC) and can be
obtained through the following formula:
Equation 3
'N' is the integer division factor and 'm' is the multiplication factor. 'N' and 'm' values can be
programmed by the F_PWM_INT and F_PWM_DEC parameters in the CONFIG register
(see Table 28 and Table 29, Section 9.1.21).
Available PWM frequencies are listed in Section 9.1.21 from Table 30 to Table 33.
V
OUT
V
S
K
VAL
=
K
VAL
K
VAL_X
BEMF_COMP
+
() VSCOMP K_THERM
×
×
[] microstep
×
=
f
PWM
f
OSC
512
N
---------------------
m
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com