Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8S003F3T6CTR Datasheet(PDF) 64 Page - STMicroelectronics

Part # STM8S003F3T6CTR
Description  Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I²C
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S003F3T6CTR Datasheet(HTML) 64 Page - STMicroelectronics

Back Button STM8S003F3T6CTR Datasheet HTML 60Page - STMicroelectronics STM8S003F3T6CTR Datasheet HTML 61Page - STMicroelectronics STM8S003F3T6CTR Datasheet HTML 62Page - STMicroelectronics STM8S003F3T6CTR Datasheet HTML 63Page - STMicroelectronics STM8S003F3T6CTR Datasheet HTML 64Page - STMicroelectronics STM8S003F3T6CTR Datasheet HTML 65Page - STMicroelectronics STM8S003F3T6CTR Datasheet HTML 66Page - STMicroelectronics STM8S003F3T6CTR Datasheet HTML 67Page - STMicroelectronics STM8S003F3T6CTR Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 100 page
background image
Low speed internal RC oscillator (LSI)
Subject to general operating conditions for VDD and TA.
Table 34: LSI oscillator characteristics
Unit
Max
Typ
Parameter
Symbol
kHz
128
Frequency
fLSI
μs
7
LSI oscillator wake-up time
tsu(LSI)
μA
5
LSI oscillator power consumption
IDD(LSI)
Figure 20: Typical LSI frequency variation vs VDD @ 4 temperatures
Memory characteristics
9.3.5
RAM and hardware registers
Table 35: RAM and hardware registers
Unit
Min
Conditions
Parameter
Symbol
V
VIT-max
(2)
Halt mode (or reset)
Data retention mode
(1)
VRM
(1) Minimum supply voltage without losing data stored in RAM (in halt mode or under reset)
or in hardware registers (only in halt mode). Guaranteed by design, not tested in production.
(2) Refer to the Operating conditions section for the value of V
IT-max
DocID018576 Rev 3
64/100
STM8S003K3 STM8S003F3
Electrical characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com