Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8S003F3T6CTR Datasheet(PDF) 8 Page - STMicroelectronics

Part # STM8S003F3T6CTR
Description  Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I²C
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S003F3T6CTR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STM8S003F3T6CTR Datasheet HTML 4Page - STMicroelectronics STM8S003F3T6CTR Datasheet HTML 5Page - STMicroelectronics STM8S003F3T6CTR Datasheet HTML 6Page - STMicroelectronics STM8S003F3T6CTR Datasheet HTML 7Page - STMicroelectronics STM8S003F3T6CTR Datasheet HTML 8Page - STMicroelectronics STM8S003F3T6CTR Datasheet HTML 9Page - STMicroelectronics STM8S003F3T6CTR Datasheet HTML 10Page - STMicroelectronics STM8S003F3T6CTR Datasheet HTML 11Page - STMicroelectronics STM8S003F3T6CTR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 100 page
background image
Description
2
The STM8S003x value line 8-bit microcontrollers feature 8 Kbytes Flash program memory,
plus integrated true data EEPROM. The STM8S microcontroller family reference manual
(RM0016) refers to devices in this family as low-density. They provide the following benefits:
performance, robustness, and reduced system cost.
Device performance and robustness are ensured by integrated true data EEPROM supporting
up to 100000 write/erase cycles, advanced core and peripherals made in a state-of-the art
technology, a 16 MHz clock frequency, robust I/Os, independent watchdogs with separate
clock source, and a clock security system.
The system cost is reduced thanks to high system integration level with internal clock
oscillators, watchdog and brown-out reset.
Full documentation is offered as well as a wide choice of development tools.
Table 1: STM8S003xx value line features
STM8S003F3
STM8S003K3
Device
20
32
Pin count
16
28
Maximum number of GPIOs (I/Os)
16
27
Ext. interrupt pins
7
7
Timer CAPCOM channels
2
3
Timer complementary outputs
5
4
A/D converter channels
12
21
High sink I/Os
8K
8K
Low density Flash program memory (bytes)
1K
1K
RAM (bytes)
128
(1)
128
(1)
True data EEPROM (bytes)
Multipurpose timer (TIM1), SPI, I
2C, UART
window WDG,independent WDG, ADC, PWM
timer (TIM2), 8-bit timer (TIM4)
Peripheral set
(1) Without read-while-write capability.
DocID018576 Rev 3
8/100
STM8S003K3 STM8S003F3
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com