Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8S003K3U6C Datasheet(PDF) 63 Page - STMicroelectronics

Part # STM8S003K3U6C
Description  Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I²C
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S003K3U6C Datasheet(HTML) 63 Page - STMicroelectronics

Back Button STM8S003K3U6C Datasheet HTML 59Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 60Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 61Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 62Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 63Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 64Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 65Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 66Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 100 page
background image
Unit
Max
Typ
Min
Conditions
Parameter
Symbol
%
1.0
(3)
User-trimmed with
CLK_HSITRIMR register for
Accuracy of HSI
oscillator
ACCHSI
given VDD and TA
conditions
(1)
5
-5
VDD = 5 V,
-40 °C ≤ TA ≤ 85 °C
Accuracy of HSI
oscillator (factory
calibrated)
μs
1.0
(3)
HSI oscillator
wakeup time
tsu(HSI)
including
calibration
μA
250
(2)
170
HSI oscillator
power
IDD(HSI)
consumption
(1) Refer to application note.
(2) Data based on characterization results, not tested in production.
(3) Guaranteed by design, not tested in production.
Figure 19: Typical HSI frequency variation vs VDD @ 4 temperatures
63/100
DocID018576 Rev 3
Electrical characteristics
STM8S003K3 STM8S003F3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com