Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8S003K3U6C Datasheet(PDF) 12 Page - STMicroelectronics

Part # STM8S003K3U6C
Description  Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I²C
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S003K3U6C Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STM8S003K3U6C Datasheet HTML 8Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 9Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 10Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 11Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 12Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 13Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 14Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 15Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 100 page
background image
program, specific code libraries, reset and interrupt vectors, the reset routine and usually the
IAP and communication routines.
Figure 2: Flash memory organization
UBC area
Program memory area
Remains write protected during IAP
Write access possible for IAP
Option bytes
Programmable
bytes(1 page)
up to 8 Kbytes
(in 1 page steps)
area from 64
 
Low density
Flash program
memory
(8 Kbytes)
Data EEPROM (128 bytes)
Read-out protection (ROP)
The read-out protection blocks reading and writing from/to the Flash program memory and
the data EEPROM in ICP mode (and debug mode). Once the read-out protection is activated,
any attempt to toggle its status triggers a global erase of the program memory. Even if no
protection can be considered as totally unbreakable, the feature provides a very high level
of protection for a general purpose microcontroller.
Clock controller
4.5
The clock controller distributes the system clock (fMASTER) coming from different oscillators
to the core and the peripherals. It also manages clock gating for low power modes and ensures
clock robustness.
Features
• Clock prescaler: To get the best compromise between speed and current consumption
the clock frequency to the CPU and peripherals can be adjusted by a programmable
prescaler.
• Safe clock switching: Clock sources can be changed safely on the fly in run mode
through a configuration register. The clock signal is not switched until the new clock source
is ready. The design guarantees glitch-free switching.
• Clock management: To reduce power consumption, the clock controller can stop the
clock to the core, individual peripherals or memory.
• Master clock sources: Four different clock sources can be used to drive the master
clock:
- 1-16 MHz high-speed external crystal (HSE)
- Up to 16 MHz high-speed user-external clock (HSE user-ext)
- 16 MHz high-speed internal RC oscillator (HSI)
- 128 kHz low-speed internal RC (LSI)
DocID018576 Rev 3
12/100
STM8S003K3 STM8S003F3
Product overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com