Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS28F128P30TF75A Datasheet(PDF) 60 Page - Micron Technology

Part # JS28F128P30TF75A
Description  Numonyx Axcell P30-65nm Flash Memory
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F128P30TF75A Datasheet(HTML) 60 Page - Micron Technology

Back Button JS28F128P30TF75A Datasheet HTML 56Page - Micron Technology JS28F128P30TF75A Datasheet HTML 57Page - Micron Technology JS28F128P30TF75A Datasheet HTML 58Page - Micron Technology JS28F128P30TF75A Datasheet HTML 59Page - Micron Technology JS28F128P30TF75A Datasheet HTML 60Page - Micron Technology JS28F128P30TF75A Datasheet HTML 61Page - Micron Technology JS28F128P30TF75A Datasheet HTML 62Page - Micron Technology JS28F128P30TF75A Datasheet HTML 63Page - Micron Technology JS28F128P30TF75A Datasheet HTML 64Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 90 page
background image
P30-65nm SBC
Datasheet
Apr 2010
60
Order Number: 208033-02
.
Note:
The last digit is randomly assigned to cover packing media and/or features or other specific configuration. For
further information on ordering products or for product part numbers, go to:
http://www.numonyx.com/en-US/MemoryProducts/Pages/PartNumberLookup.aspx.
Figure 31: Decoder for SCSP package
Product Designator
48F = Numonyx
® Flash Memory Only
Package Designator
RD = SCSP, leaded
PF = SCSP, lead-free
Device Density
0 = No die
3 = 128-Mbit
Product Family
P = Numonyx® Axcell™ Flash Memory
0 = No second flash die
Device Details
E = 65nm lithography
Parameter Location
B = Bottom Parameter
T = Top Parameter
F 3 0
P 0
B Q
8
F 4
P
0
E
0
Z
Ballout Descriptor
Q = QUAD+ ballout
0 = Discrete ballout
I/ O Voltage, CE # Configuration
Z = Individual Chip Enable(s)
VCC = 1. 7 to 2. 0V
VCCQ =1. 7 to 3.6V
*
Device Features*
Table 29: Valid Combinations for QUAD+ Package Products
128-Mbit
PF48F3000P0ZBQE*
PF48F3000P0ZTQE*
RD48F3000P0ZBQE*
RD48F3000P0ZTQE*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com