Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS28F256P30B95A Datasheet(PDF) 61 Page - Micron Technology

Part # JS28F256P30B95A
Description  Numonyx StrataFlash Embedded Memory
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F256P30B95A Datasheet(HTML) 61 Page - Micron Technology

Back Button JS28F256P30B95A Datasheet HTML 57Page - Micron Technology JS28F256P30B95A Datasheet HTML 58Page - Micron Technology JS28F256P30B95A Datasheet HTML 59Page - Micron Technology JS28F256P30B95A Datasheet HTML 60Page - Micron Technology JS28F256P30B95A Datasheet HTML 61Page - Micron Technology JS28F256P30B95A Datasheet HTML 62Page - Micron Technology JS28F256P30B95A Datasheet HTML 63Page - Micron Technology JS28F256P30B95A Datasheet HTML 64Page - Micron Technology JS28F256P30B95A Datasheet HTML 65Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 97 page
background image
August 2008
Datasheet
Order Number: 306666-12
61
P30
Note:
WAIT shown deasserted during asynchronous read mode (RCR[10]=0, Wait asserted low).
1.
WAIT is driven per OE# assertion during synchronous array or non-array read, and can be configured to assert either
during or one data cycle before valid data.
2.
This diagram illustrates the case in which an n-word burst is initiated to the flash memory array and it is terminated by
CE# deassertion after the first word in the burst.
Figure 23: Asynchronous Page-Mode Read Timing
R108
R9
R7
R17
R15
R10
R4
R8
R3
R106
R101
R105
R105
R1
R1
R2
A[Max:2] [A]
A[1:0]
ADV#
CE# [E]
OE# [G]
WAIT [T]
DATA [D/Q]
Figure 24: Synchronous Single-Word Array or Non-array Read Timing
R312
R305
R304
R4
R17
R307
R15
R9
R7
R8
R303
R102
R3
R104
R106
R101
R104
R105
R105
R2
R306
R301
CLK [C]
Address [A]
ADV# [V]
CE# [E]
OE# [G]
WAIT [T]
Data [D/Q]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com