Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATSAM4S-EK Datasheet(PDF) 13 Page - ATMEL Corporation

Part # ATSAM4S-EK
Description  Development Board
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM4S-EK Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button ATSAM4S-EK Datasheet HTML 9Page - ATMEL Corporation ATSAM4S-EK Datasheet HTML 10Page - ATMEL Corporation ATSAM4S-EK Datasheet HTML 11Page - ATMEL Corporation ATSAM4S-EK Datasheet HTML 12Page - ATMEL Corporation ATSAM4S-EK Datasheet HTML 13Page - ATMEL Corporation ATSAM4S-EK Datasheet HTML 14Page - ATMEL Corporation ATSAM4S-EK Datasheet HTML 15Page - ATMEL Corporation ATSAM4S-EK Datasheet HTML 16Page - ATMEL Corporation ATSAM4S-EK Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
Evaluation Kit Hardware
SAM4S-EK Development Board User Guide
4-5
11139A–ATARM–29-Nov-11
VDDIO pins:
Power for the Peripherals I/O lines.
The voltage ranges from 1.62V to 3.6V.
VDDOUT pin:
Output of the internal voltage regulator.
VDDCORE pins:
Power for the core, including the processor, embedded memories and peripherals.
The voltage ranges from 1.62V to 1.95V.
VDDPLL pin:
Power for the PLL A, PLL B and 12 MHz oscillator.
The voltage ranges from 1.62V to 1.95V.
Note:
VDDPLL should be decoupled and filtered from VDDCORE.
4.3.6
UART
The Universal Asynchronous Receiver Transmitter features a two-pin UART that can be used for com-
munication and trace purposes. It offers an ideal channel for in-situ programming solutions. This UART
is associated with two PDC channels to reduce the processor time on packet handling.
This two-pin UART (TXD and RXD only) is buffered through an RS232 Transceiver MN6 and brought to
the DB9 male connector J7.
Figure 4-5.
UART
4.3.7
USART
The Universal Synchronous/Asynchronous Receiver Transmitter (USART) provides one full duplex uni-
versal synchronous/asynchronous serial link. The data frame format is extensively configurable (data
length, parity, number of stop bits) to support a broad range of serial communication standards. The
USART is also associated with PDC channels for TX/RX data access.
Note:
For design optimization purposes, both transmitters have been implemented on the same
PIO lines, that is PA21, 22, 23, 24 25.
To avoid any electrical conflict, the RS485 transceiver is isolated from the receiving line PA21.
Should you need to implement an RS485 channel in place of the RS232, follow the procedure below:
1.
make sure your software will permanently set PA23 to a high level - this will permanently disable the
RS232 receiver.
2.
solder a shunt resistor in place of R25 (a solder drop will do).
+3V3
DGND
DGND
+3V3
+3V3
FGND
PA10
PA9
C39
100nF
C39
100nF
C40
100nF
C40
100nF
TP5
SMD
TP5
SMD
J7
J7
5
4
3
2
1
9
8
7
6
R46
100K
R46
100K
C38
100nF
C38
100nF
TP6
SMD
TP6
SMD
C41
100nF
C41
100nF
R47
0R
R47
0R
R48
0R
R48
0R
C42
100nF
C42
100nF
MN6
MAX3232CSE
MN6
MAX3232CSE
T1IN
11
T2IN
10
R1OUT
12
R2OUT
9
T1OUT
14
T2OUT
7
R1IN
13
R2IN
8
V+
2
C1+
1
C1-
3
C2+
4
C2-
5
V-
6
VCC
16
GND
15
R45
100K
R45
100K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com