Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATSAM4S-EK Datasheet(PDF) 37 Page - ATMEL Corporation

Part # ATSAM4S-EK
Description  Development Board
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM4S-EK Datasheet(HTML) 37 Page - ATMEL Corporation

Back Button ATSAM4S-EK Datasheet HTML 33Page - ATMEL Corporation ATSAM4S-EK Datasheet HTML 34Page - ATMEL Corporation ATSAM4S-EK Datasheet HTML 35Page - ATMEL Corporation ATSAM4S-EK Datasheet HTML 36Page - ATMEL Corporation ATSAM4S-EK Datasheet HTML 37Page - ATMEL Corporation ATSAM4S-EK Datasheet HTML 38Page - ATMEL Corporation ATSAM4S-EK Datasheet HTML 39Page - ATMEL Corporation ATSAM4S-EK Datasheet HTML 40Page - ATMEL Corporation ATSAM4S-EK Datasheet HTML 41Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 49 page
background image
Evaluation Kit Hardware
SAM4S-EK Development Board User Guide
4-29
11139A–ATARM–29-Nov-11
4.5.12
PIO Expansion Port C Connector J12
Figure 4-35. PIO Expansion Connector J12
Table 4-21. Connector J12 Signal Descriptions
Pin
Mnemonic
Pin
Mnemonic
1
+5V or +3v3
2
+5V or +3v3
3
GND
4
GND
5
PC0
6
PC16
7
PC1
8
PC17
9
PC2
10
PC18
11
PC3
12
PC19
13
PC4
14
PC20
15
PC5
16
PC21
17
PC6
18
NC
19
PC7
20
NC
21
PC8
22
NC
23
PC9
24
NC
25
PC10
26
NC
27
PC11
28
NC
29
PC12
30
NC
31
PC13
32
NC
33
PC14
34
NC
35
PC15
36
NC
37
GND
38
GND
39
3V3
40
3V3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com