Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TNPW1206 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TNPW1206
Description  High Stability Thin Film Flat Chip Resistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TNPW1206 Datasheet(HTML) 2 Page - Vishay Siliconix

  TNPW1206 Datasheet HTML 1Page - Vishay Siliconix TNPW1206 Datasheet HTML 2Page - Vishay Siliconix TNPW1206 Datasheet HTML 3Page - Vishay Siliconix TNPW1206 Datasheet HTML 4Page - Vishay Siliconix TNPW1206 Datasheet HTML 5Page - Vishay Siliconix TNPW1206 Datasheet HTML 6Page - Vishay Siliconix TNPW1206 Datasheet HTML 7Page - Vishay Siliconix TNPW1206 Datasheet HTML 8Page - Vishay Siliconix TNPW1206 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Document Number: 28758
For technical questions, contact: thinfilmchip@vishay.com
www.vishay.com
Revision: 27-Jun-12
337
TNPW e3
High Stability Thin Film Flat Chip Resistors
Vishay
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS
DIMENSIONS AND MASS
TYPE
L
(mm)
W
(mm)
H
(mm)
T1/T2
(mm)
MASS
(mg)
TNPW0402 e3 1.0 ± 0.05 0.5 ± 0.05 0.35 ± 0.05 0.2 ± 0.10
0.65
TNPW0603 e3 1.6 ± 0.10 0.85 ± 0.10 0.45 ± 0.10 0.3 ± 0.20
2
TNPW0805 e3 2.0 ± 0.15 1.25 ± 0.15 0.45 ± 0.10 0.4 ± 0.20
5.5
TNPW1206 e3 3.2 ± 0.15 1.6 ± 0.15 0.55 ± 0.10 0.5 ± 0.25
10
TNPW1210 e3 3.2 ± 0.15 2.45 ± 0.15 0.60 ± 0.15 0.5 ± 0.25
16
TNPW2010 e3 5.0 ± 0.15 2.5 ± 0.15 0.60 ± 0.15 0.6 ± 0.25
28
TNPW2512 e3 6.3 ± 0.20 3.1 ± 0.15 0.60 ± 0.15 0.6 ± 0.25
39
SOLDER PAD DIMENSIONS
TYPE
REFLOW SOLDERING
WAVE SOLDERING
a
(mm)
b
(mm)
l
(mm)
a
(mm)
b
(mm)
l
(mm)
TNPW0402 e3
0.4
0.6
0.5
-
-
-
TNPW0603 e3
0.5
0.9
1.0
0.9
0.9
1.0
TNPW0805 e3
0.7
1.3
1.2
0.9
1.3
1.3
TNPW1206 e3
0.9
1.7
2.0
1.1
1.7
2.3
TNPW1210 e3
0.9
2.5
2.0
1.1
2.5
2.3
TNPW2010 e3
1.0
2.5
3.9
1.2
2.5
3.9
TNPW2512 e3
1.0
3.2
5.2
1.2
3.2
5.2
TEMPERATURE COEFFICIENT AND RESISTANCE RANGE
TYPE
TCR
TOLERANCE
RESISTANCE
E-SERIES
TNPW0402 e3
± 50 ppm/K
± 1 %
10R to 100K
24; 96
± 0.5 %
10R to 100K
24; 192
± 0.1 %
47R to 100K
± 25 ppm/K
± 1 %
10R to 100K
24; 96
± 0.5 %
10R to 100K
24; 192
± 0.1 %
47R to 100K
± 15 ppm/K
± 0.1 %
± 10 ppm/K
± 0.1 %
TNPW0603 e3
± 50 ppm/K
± 1 %
10R to 332K
24; 96
± 0.5 %
10R to 332K
24; 192
± 0.1 %
± 25 ppm/K
± 1 %
10R to 332K
24; 96
± 0.5 %
10R to 332K
24; 192
± 0.1 %
± 15 ppm/K
± 0.1 %
47R to 332K
± 10 ppm/K
± 0.1 %
TNPW0805 e3
± 50 ppm/K
± 1 %
10R to 1M0
24; 96
± 0.5 %
10R to 1M0
24; 192
± 0.1 %
± 25 ppm/K
± 1 %
10R to 1M0
24; 96
± 0.5 %
10R to 1M0
24; 192
± 0.1 %
± 15 ppm/K
± 0.1 %
47R to 1M0
± 10 ppm/K
± 0.1 %
TNPW1206 e3
± 50 ppm/K
± 1 %
10R to 2M0
24; 96
± 0.5 %
10R to 2M0
24; 192
± 0.1 %
± 25 ppm/K
± 1 %
10R to 2M0
24; 96
± 0.5 %
10R to 2M0
24; 192
± 0.1 %
± 15 ppm/K
± 0.1 %
47R to 2M0
± 10 ppm/K
± 0.1 %



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com