Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC8563SDSCT Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8563SDSCT
Description  DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT DAC WITH 2.5-V, 4-PPM/째C INTERNAL REFERENCE IN SMALL 3-MM 횞 3-MM SON
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8563SDSCT Datasheet(HTML) 33 Page - Texas Instruments

Back Button DAC8563SDSCT Datasheet HTML 29Page - Texas Instruments DAC8563SDSCT Datasheet HTML 30Page - Texas Instruments DAC8563SDSCT Datasheet HTML 31Page - Texas Instruments DAC8563SDSCT Datasheet HTML 32Page - Texas Instruments DAC8563SDSCT Datasheet HTML 33Page - Texas Instruments DAC8563SDSCT Datasheet HTML 34Page - Texas Instruments DAC8563SDSCT Datasheet HTML 35Page - Texas Instruments DAC8563SDSCT Datasheet HTML 36Page - Texas Instruments DAC8563SDSCT Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 58 page
background image
DAC8562, DAC8563
DAC8162, DAC8163
DAC7562, DAC7563
www.ti.com
SLAS719D – AUGUST 2010 – REVISED AUGUST 2012
Table 13. Command Matrix for the DAC856x, DAC816x, and DAC756x
Command
Address
Data
DB23-
DESCRIPTION
DB15-
DB3-
DB22
C2
C1
C0
A2
A1
A0
DB5
DB4
DB1
DB0
DB6
DB2
0
0
0
16/14/12 bit DAC data
Write to DAC-A input register
X
(1)
0
0
0
0
0
1
16/14/12 bit DAC data
Write to DAC-B input register
1
1
1
16/14/12 bit DAC data
Write to DAC-A and DAC-B input registers
0
0
0
16/14/12 bit DAC data
Write to DAC-A input register and update all DACs
X
0
1
0
0
0
1
16/14/12 bit DAC data
Write to DAC-B input register and update all DACs
1
1
1
16/14/12 bit DAC data
Write to DAC-A and DAC-B input register and update all DACs
0
0
0
16/14/12 bit DAC data
Write to DAC-A input register and update DAC-A
X
0
1
1
0
0
1
16/14/12 bit DAC data
Write to DAC-B input register and update DAC-B
1
1
1
16/14/12 bit DAC data
Write to DAC-A and DAC-B input register and update all DACs
0
0
0
X
Update DAC-A
X
0
0
1
0
0
1
X
Update DAC-B
1
1
1
X
Update all DACs
0
0
Gain: DAC-B gain = 2, DAC-A gain = 2 (default with internal VREF)
0
1
Gain: DAC-B gain = 2, DAC-A gain = 1
X
0
0
0
0
1
0
X
1
0
Gain: DAC-B gain = 1, DAC-A gain = 2
1
1
Gain: DAC-B gain = 1, DAC-A gain = 1 (power-on default)
0
1
Power up DAC-A
X
1
0
0
X
X
0
0
X
1
0
Power up DAC-B
1
1
Power up DAC-A and DAC-B
0
1
Power down DAC-A; 1 k
Ω to GND
X
1
0
0
X
X
0
1
X
1
0
Power down DAC-B; 1 k
Ω to GND
1
1
Power down DAC-A and DAC-B; 1 k
Ω to GND
0
1
Power down DAC-A; 100 k
Ω to GND
X
1
0
0
X
X
1
0
X
1
0
Power down DAC-B; 100 k
Ω to GND
1
1
Power down DAC-A and DAC-B; 100 k
Ω to GND
0
1
Power down DAC-A; Hi-Z
X
1
0
0
X
X
1
1
X
1
0
Power down DAC-B; Hi-Z
1
1
Power down DAC-A and DAC-B; Hi-Z
X
0
Reset DAC-A and DAC-B input register and update all DACs
X
1
0
1
X
X
X
1
Reset all registers and update all DACs (Power-on-reset update)
0
0
LDAC pin active for DAC-B and DAC-A
0
1
LDAC pin active for DAC-B; inactive for DAC-A
X
1
1
0
X
X
1
0
LDAC pin inactive for DAC-B; active for DAC-A
1
1
LDAC pin inactive for DAC-B and DAC-A
X
0
Disable internal reference and reset DACs to gain = 1
X
1
1
1
X
X
X
1
Enable Internal Reference & reset DACs to gain = 2
(1)
X' denotes don't care bits.
Copyright © 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Links: DAC8562 DAC8563 DAC8162 DAC8163 DAC7562 DAC7563



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com