Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC8563SDSCT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8563SDSCT
Description  DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT DAC WITH 2.5-V, 4-PPM/째C INTERNAL REFERENCE IN SMALL 3-MM 횞 3-MM SON
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8563SDSCT Datasheet(HTML) 13 Page - Texas Instruments

Back Button DAC8563SDSCT Datasheet HTML 9Page - Texas Instruments DAC8563SDSCT Datasheet HTML 10Page - Texas Instruments DAC8563SDSCT Datasheet HTML 11Page - Texas Instruments DAC8563SDSCT Datasheet HTML 12Page - Texas Instruments DAC8563SDSCT Datasheet HTML 13Page - Texas Instruments DAC8563SDSCT Datasheet HTML 14Page - Texas Instruments DAC8563SDSCT Datasheet HTML 15Page - Texas Instruments DAC8563SDSCT Datasheet HTML 16Page - Texas Instruments DAC8563SDSCT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 58 page
background image
−4
−3
−2
−1
0
1
2
3
4
−40 −25 −10
5
20
35
50
65
80
95
110 125
Temperature (°C)
Ch A
Ch B
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
−40 −25 −10
5
20
35
50
65
80
95
110 125
Temperature (°C)
Ch A
Ch B
−0.20
−0.15
−0.10
−0.05
0.00
0.05
0.10
0.15
0.20
−40 −25 −10
5
20
35
50
65
80
95
110 125
Temperature (°C)
Ch A
Ch B
−0.15
−0.10
−0.05
0.00
0.05
0.10
0.15
−40 −25 −10
5
20
35
50
65
80
95
110 125
Temperature (°C)
Ch A
Ch B
−12
−9
−6
−3
0
3
6
9
12
−40 −25 −10
5
20
35
50
65
80
95
110 125
Temperature (°C)
INL Max
INL Min
Typical channel shown
−1.0
−0.8
−0.6
−0.4
−0.2
0.0
0.2
0.4
0.6
0.8
1.0
−40 −25 −10
5
20
35
50
65
80
95
110 125
Temperature (°C)
DNL Max
DNL Min
Typical channel shown
DAC8562, DAC8563
DAC8162, DAC8163
DAC7562, DAC7563
www.ti.com
SLAS719D – AUGUST 2010 – REVISED AUGUST 2012
TYPICAL CHARACTERISTICS: DAC at AVDD = 5.5 V (continued)
At TA = 25°C, 5-V external reference used, gain = 1 and DAC output not loaded, unless otherwise noted.
LINEARITY ERROR
DIFFERENTIAL LINEARITY ERROR
vs TEMPERATURE
vs TEMPERATURE
Figure 14.
Figure 15.
FULL-SCALE ERROR
GAIN ERROR
vs TEMPERATURE
vs TEMPERATURE
Figure 16.
Figure 17.
OFFSET ERROR
ZERO-CODE ERROR
vs TEMPERATURE
vs TEMPERATURE
Figure 18.
Figure 19.
Copyright © 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: DAC8562 DAC8563 DAC8162 DAC8163 DAC7562 DAC7563



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com