Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMV7271MF/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LMV7271MF/NOPB
Description  Single & Dual, 1.8V Low Power Comparators with Rail-to-Rail Input
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV7271MF/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LMV7271MF/NOPB Datasheet HTML 1Page - Texas Instruments LMV7271MF/NOPB Datasheet HTML 2Page - Texas Instruments LMV7271MF/NOPB Datasheet HTML 3Page - Texas Instruments LMV7271MF/NOPB Datasheet HTML 4Page - Texas Instruments LMV7271MF/NOPB Datasheet HTML 5Page - Texas Instruments LMV7271MF/NOPB Datasheet HTML 6Page - Texas Instruments LMV7271MF/NOPB Datasheet HTML 7Page - Texas Instruments LMV7271MF/NOPB Datasheet HTML 8Page - Texas Instruments LMV7271MF/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
LMV7271
SNOSA56H – FEBRUARY 2003 – REVISED FEBRUARY 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
ESD Tolerance
2KV (3)
200V (4)
VIN Differential
±Supply Voltage
Supply Voltage (V+ - V−)
6V
Voltage at Input/Output pins
V+ +0.1V, V−
−0.1V
Soldering Information
Infrared or Convection (20 sec.)
235°C
Wave Soldering (10 sec.)
260°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature (5)
+150°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test
conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office / Distributors for
availability and specifications.
(3)
Human body model, 1.5k
Ω in series with 100pF.
(4)
Machine Model, 0
Ω in series with 200pF.
(5)
Typical values represent the most likely parametric norm.
Operating Ratings
(1)
Supply Voltage Range
1.8V to 5.5V
Temperature Range (2)
−40°C to +85°C
Package Thermal Resistance (2)
SOT-23
325°C/W
SC70
265°C/W
8-Bump DSBGA
220°C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test
conditions, see the Electrical Characteristics.
(2)
The maximum power dissipation is a function of TJ(MAX), θJA, and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(MAX) - TA)/θJA. All numbers apply for packages soldered directly into a PC board.
1.8V Electrical Characteristics
Unless otherwise specified, all limits guaranteed for TJ = 25°C, V
+ = 1.8V, V− = 0V. Boldface limits apply at the temperature
extremes.
Min
Typ
Max
Symbol
Parameter
Condition
Units
(1)
(2)
(1)
0.3
4
VOS
Input Offset Voltage
mV
6
TC VOS
Input Offset Temperature Drift
VCM = 0.9V
(3)
20
uV/°C
IB
Input Bias Current
10
nA
IOS
Input Offset Current
200
pA
9
12
LMV7271/LMV7275
µA
14
IS
Supply Current
18
25
LMV7272
µA
28
(1)
All limits are guaranteed by testing or statistical analysis.
(2)
Typical values represent the most likely parametric norm.
(3)
Offset Voltage average drift determined by dividing the change in VOS at temperature extremes into the total temperature change.
2
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LMV7271



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com