Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMV7271MF/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LMV7271MF/NOPB
Description  Single & Dual, 1.8V Low Power Comparators with Rail-to-Rail Input
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV7271MF/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LMV7271MF/NOPB Datasheet HTML 17Page - Texas Instruments LMV7271MF/NOPB Datasheet HTML 18Page - Texas Instruments LMV7271MF/NOPB Datasheet HTML 19Page - Texas Instruments LMV7271MF/NOPB Datasheet HTML 20Page - Texas Instruments LMV7271MF/NOPB Datasheet HTML 21Page - Texas Instruments LMV7271MF/NOPB Datasheet HTML 22Page - Texas Instruments LMV7271MF/NOPB Datasheet HTML 23Page - Texas Instruments LMV7271MF/NOPB Datasheet HTML 24Page - Texas Instruments LMV7271MF/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
11-Apr-2013
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
Op Temp (°C)
Top-Side Markings
(4)
Samples
LMV7271MF
ACTIVE
SOT-23
DBV
5
1000
TBD
Call TI
Call TI
-40 to 85
C25A
LMV7271MF/NOPB
ACTIVE
SOT-23
DBV
5
1000
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 85
C25A
LMV7271MFX/NOPB
ACTIVE
SOT-23
DBV
5
3000
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 85
C25A
LMV7271MG
ACTIVE
SC70
DCK
5
1000
TBD
Call TI
Call TI
-40 to 85
C34
LMV7271MG/NOPB
ACTIVE
SC70
DCK
5
1000
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 85
C34
LMV7271MGX
ACTIVE
SC70
DCK
5
3000
TBD
Call TI
Call TI
-40 to 85
C34
LMV7271MGX/NOPB
ACTIVE
SC70
DCK
5
3000
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 85
C34
LMV7272TL/NOPB
ACTIVE
DSBGA
YZR
8
250
Green (RoHS
& no Sb/Br)
SNAGCU
Level-1-260C-UNLIM
-40 to 85
C
01
LMV7272TLX/NOPB
ACTIVE
DSBGA
YZR
8
3000
Green (RoHS
& no Sb/Br)
SNAGCU
Level-1-260C-UNLIM
-40 to 85
C
01
LMV7275MF
ACTIVE
SOT-23
DBV
5
1000
TBD
Call TI
Call TI
-40 to 85
C26A
LMV7275MF/NOPB
ACTIVE
SOT-23
DBV
5
1000
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 85
C26A
LMV7275MFX
ACTIVE
SOT-23
DBV
5
3000
TBD
Call TI
Call TI
-40 to 85
C26A
LMV7275MFX/NOPB
ACTIVE
SOT-23
DBV
5
3000
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 85
C26A
LMV7275MG
ACTIVE
SC70
DCK
5
1000
TBD
Call TI
Call TI
-40 to 85
C35
LMV7275MG/NOPB
ACTIVE
SC70
DCK
5
1000
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 85
C35
LMV7275MGX
ACTIVE
SC70
DCK
5
3000
TBD
Call TI
Call TI
-40 to 85
C35
LMV7275MGX/NOPB
ACTIVE
SC70
DCK
5
3000
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 85
C35
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com