Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PRF18BE471QB5RB Datasheet(PDF) 8 Page - Murata Manufacturing Co., Ltd.

Part # PRF18BE471QB5RB
Description  DESIGN ENGINEERING KITS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PRF18BE471QB5RB Datasheet(HTML) 8 Page - Murata Manufacturing Co., Ltd.

Back Button PRF18BE471QB5RB Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. PRF18BE471QB5RB Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. PRF18BE471QB5RB Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. PRF18BE471QB5RB Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. PRF18BE471QB5RB Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. PRF18BE471QB5RB Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. PRF18BE471QB5RB Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. PRF18BE471QB5RB Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. PRF18BE471QB5RB Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
8
Note: Design Kit Contents are subject to change without notice.
G-06-G
DESIGN ENGINEERING KITS
GENERAL CERAMIC CHIP CAPACITORS
0402 (6.3 to 50 VDC)
NOTE: For Ceramic Chip Capacitors, dashes are part of
the part number and must be included when placing
an order.
No.
Description
Murata Global P/N
Qty.
48
0402/X5R/0.22uF/10V
GRM155R61A224KE19
20
49
0402/X5R/0.22uF/6.3V
GRM155R60J224KE01
20
50
0402/X5R/0.47uF/10V
GRM155R61A474KE15
20
51
0402/X5R/0.47uF/6.3V
GRM155R60J474KE19
20
52
0402/X5R/1uF/10V
GRM155R61A105KE15
20
GRM15-KIT– – – – – – – – E continued
I
Miniature chip size, 0402 (L:1.0 x W:0.5 x T:0.5mm).
I
The GRM155 series is a complete line of chip ceramic
capacitor in 6.3V, 10V, 16V, 25V and 50V.
I
Temperature characteristics: C0G, U2J, X7R, X6S, X5R, Y5V
I
No Polarity
I
Nickel barrier with Tin layer termination.
I
Suitable for reflow soldering.
I
Stringent dimensional tolerances allow highly reliable, high
speed automatic chip placement on PCBs.
I
Tape and reel packaging (10,000pcs/reel) and Bulk case
packaging (50,000pcs/case) are available.
No.
Description
Murata Global P/N
Qty.
1
0402/C0G/0.50pF/50V
GRM1555C1HR50BA01
20
2
0402/C0G/1.0pF/50V
GRM1555C1H1R0CA01
20
3
0402/C0G/1.2pF/50V
GRM1555C1H1R2CA01
20
4
0402/C0G/1.5pF/50V
GRM1555C1H1R5CA01
20
5
0402/C0G/1.8pF/50V
GRM1555C1H1R8CA01
20
6
0402/C0G/2.2pF/50V
GRM1555C1H2R2CA01
20
7
0402/C0G/2.7pF/50V
GRM1555C1H2R7CA01
20
8
0402/C0G/3.3pF/50V
GRM1555C1H3R3CA01
20
9
0402/C0G/3.9pF/50V
GRM1555C1H3R9CA01
20
10
0402/C0G/4.7pF/50V
GRM1555C1H4R7CA01
20
11
0402/C0G/5.6pF/50V
GRM1555C1H5R6DA01
20
12
0402/C0G/6.8pF/50V
GRM1555C1H6R8DA01
20
13
0402/C0G/8.2pF/50V
GRM1555C1H8R2DA01
20
14
0402/C0G/10pF/50V
GRM1555C1H100JA01
20
15
0402/C0G/12pF/50V
GRM1555C1H120JA01
20
16
0402/C0G/15pF/50V
GRM1555C1H150JA01
20
17
0402/C0G/18pF/50V
GRM1555C1H180JA01
20
18
0402/C0G/22pF/50V
GRM1555C1H220JA01
20
19
0402/C0G/27pF/50V
GRM1555C1H270JA01
20
20
0402/C0G/33pF/50V
GRM1555C1H330JA01
20
21
0402/C0G/39pF/50V
GRM1555C1H390JA01
20
22
0402/C0G/47pF/50V
GRM1555C1H470JA01
20
23
0402/C0G/56pF/50V
GRM1555C1H560JA01
20
24
0402/C0G/68pF/50V
GRM1555C1H680JA01
20
25
0402/C0G/82pF/50V
GRM1555C1H820JA01
20
26
0402/C0G/100pF/50V
GRM1555C1H101JA01
20
27
0402/C0G/120pF/50V
GRM1555C1H121JA01
20
28
0402/C0G/150pF/50V
GRM1555C1H151JA01
20
29
0402/C0G/180pF/50V
GRM1555C1H181JA01
20
30
0402/C0G/220pF/50V
GRM1555C1H221JA01
20
31
0402/C0G/270pF/50V
GRM1555C1H271JA01
20
32
0402/C0G/330pF/50V
GRM1555C1H331JA01
20
33
0402/C0G/390pF/50V
GRM1555C1H391JA01
20
34
0402/C0G/470pF/50V
GRM1555C1H471JA01
20
35
0402/C0G/560pF/50V
GRM1555C1H561JA01
20
36
0402/C0G/680pF/50V
GRM1555C1H681JA01
20
37
0402/C0G/820pF/50V
GRM1555C1H821JA01
20
38
0402/C0G/1000pF/50V
GRM1555C1H102JA01
20
39
0402/X7R/220pF/50V
GRM155R71H221KA01
20
40
0402/X7R/470pF/50V
GRM155R71H471KA01
20
41
0402/X7R/1000pF/50V
GRM155R71H102KA01
20
42
0402/X7R/2200pF/50V
GRM155R71H222KA01
20
43
0402/X7R/4700pF/50V
GRM155R71H472KA01
20
44
0402/X7R/10000pF/50V
GRM155R71H103KA88
20
45
0402/X7R/22000pF/25V
GRM155R71E223KA61
20
46
0402/X7R/47000pF/25V
GRM155R71E473KA88
20
47
0402/X7R/0.1uF/16V
GRM155R71C104KA88
20
GRM15-KIT– – – – – – – – E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com