Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PRF18BE471QB5RB Datasheet(PDF) 19 Page - Murata Manufacturing Co., Ltd.

Part # PRF18BE471QB5RB
Description  DESIGN ENGINEERING KITS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PRF18BE471QB5RB Datasheet(HTML) 19 Page - Murata Manufacturing Co., Ltd.

Back Button PRF18BE471QB5RB Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. PRF18BE471QB5RB Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. PRF18BE471QB5RB Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. PRF18BE471QB5RB Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. PRF18BE471QB5RB Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. PRF18BE471QB5RB Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. PRF18BE471QB5RB Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. PRF18BE471QB5RB Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. PRF18BE471QB5RB Datasheet HTML 23Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
G-06-G
Note: Design Kit Contents are subject to change without notice.
19
DESIGN ENGINEERING KITS
No.
Description
Murata Global P/N
Qty.
1
0302/X5R/0.1pF/16V
GNM0M2R61C104ME18
20
2
0504/X7R/1000pF/50V
GNM1M2R71H102MA01
20
3
0504/X7R/10000pF/25V
GNM1M2R71E103MA01
20
4
0504/X7R/0.1uF/16V
GNM1M2R71C104MA01
20
5
0504/X7R/0.1uF/16V
GNM1M2R71C104MAA1
20
6
0504/X5R/1uF/16V
GNM1M2R61C105ME18
20
7
0504/X5R/1uF/10V
GNM1M2R61C105MEA2
20
8
0805/X5R/1uF/16V
GNM212R61C105MA16
20
9
0805/X5R/2.2uF/10V
GNM212R61A225ME16
20
10
0805/X7R/1000pF/50V
GNM214R71H102MA01
20
11
0805/X7R/10000pF/25V
GNM214R71E103MA01
20
12
0805/X7R/0.1uF/16V
GNM214R71C104MA01
20
13
0805/X7R/0.1uF/16V
GNM214R71C104MAA1
20
14
0805/X5R/1uF/10V
GNM214R61A105ME17
20
15
0504/C0G/10pF/50V
GNM1M25C1H100KD01
20
16
0504/C0G/15pF/50V
GNM1M25C1H150KD01
20
17
0504/C0G/22pF/50V
GNM1M25C1H220KD01
20
18
0504/C0G/33pF/50V
GNM1M25C1H330KD01
20
19
0504/C0G/47pF/50V
GNM1M25C1H470KD01
20
20
0504/C0G/68p/50V
GNM1M25C1H680KD01
20
21
0504/C0G/100pF/50V
GNM1M25C1H101KD01
20
22
0504/C0G/150pF50V
GNM1M25C1H151KD01
20
23
0504/C0G/220pF/50V
GNM1M25C1H221KD01
20
24
0805/C0G/10pF/50V
GNM2145C1H100KD01
20
25
0805/C0G/15pF/50V
GNM2145C1H150KD01
20
26
0805/C0G/22pF/50V
GNM2145C1H220KD01
20
27
0805/C0G/33pF/50V
GNM2145C1H330KD01
20
28
0805/C0G/47pF/50V
GNM2145C1H470KD01
20
29
0805/C0G/68pF/50V
GNM2145C1H680KD01
20
30
0805/C0G/100pF/50V
GNM2145C1H101KD01
20
31
0805/C0G/150pF/50V
GNM2145C1H151KD01
20
32
0805/C0G/220pF/50V
GNM2145C1H221KD01
20
CERAMIC CHIP CAPACITORS
ASCAP Cap Arrays 0504 – 1206 (10 to 50 VDC)
I
Mounting cost saving (one placement instead of four or two).
I
High density mounting due to mounting space saving.
I
Four or two element capacitors in one chip.
I
0504, 0805 and 1206 sizes
GNM-CARRAY-KIT-B–E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com