Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADP122ACPZ-2.6-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP122ACPZ-2.6-R7
Description  5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP122ACPZ-2.6-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP122ACPZ-2.6-R7 Datasheet HTML 5Page - Analog Devices ADP122ACPZ-2.6-R7 Datasheet HTML 6Page - Analog Devices ADP122ACPZ-2.6-R7 Datasheet HTML 7Page - Analog Devices ADP122ACPZ-2.6-R7 Datasheet HTML 8Page - Analog Devices ADP122ACPZ-2.6-R7 Datasheet HTML 9Page - Analog Devices ADP122ACPZ-2.6-R7 Datasheet HTML 10Page - Analog Devices ADP122ACPZ-2.6-R7 Datasheet HTML 11Page - Analog Devices ADP122ACPZ-2.6-R7 Datasheet HTML 12Page - Analog Devices ADP122ACPZ-2.6-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Data Sheet
ADP122/ADP123
Rev. E | Page 9 of 24
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
IOUT = 100µA
VIN = VOUT + 0.5V
VRIPPLE = 50mV
CIN = COUT 1µF
IOUT = 1mA
IOUT = 10mA
IOUT = 100mA
IOUT = 200mA
IOUT = 300mA
Figure 21. Power Supply Rejection Ratio vs. Frequency, VOUT= 4.2 V, VIN = 4.7 V
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
VOUT = 2.8V, IOUT = 1mA
VIN = VOUT + 0.5V
VRIPPLE = 50mV
CIN = COUT 1µF
VOUT = 3.3V, IOUT = 1mA
VOUT = 4.2V, IOUT = 1mA
VOUT = 2.8V, IOUT = 300mA
VOUT = 3.3V, IOUT = 300mA
VOUT = 4.2V, IOUT = 300mA
Figure 22. Power Supply Rejection Ratio vs. Frequency, Various Output
Voltages and Load Currents
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
VIN = 3.1V, IOUT = 1mA
VRIPPLE = 50mV
CIN = COUT 1µF
VIN = 3.3V, IOUT = 1mA
VIN = 3.8V, IOUT = 1mA
VIN = 4.8V, IOUT = 1mA
VIN = 3.1V, IOUT = 300mA
VIN = 3.3V, IOUT = 300mA
VIN = 3.8V, IOUT = 300mA
VIN = 4.8V, IOUT = 300mA
Figure 23. Power Supply Rejection Ratio vs. Headroom Voltage (VIN − VOUT),
VOUT = 2.8 V
0
1
2
3
4
5
10
100
1k
10k
100k
FREQUENCY (Hz)
VOUT = 2.8V
VOUT = 3.3V
VOUT = 4.2V
Figure 24. Output Noise Spectrum
30
35
40
45
50
55
60
65
70
0.001
0.01
0.1
1
10
100
1000
IOUT (mA)
VOUT = 4.2V
VOUT = 3.3V
VOUT = 2.8V
Figure 25. Output Noise vs. Load Current and Output Voltage
CH1
200mA Ω B
W CH2 50.0mV
B
W M 40.0µs
A CH1
196mA
1
2
T
10.20%
VOUT
VIN = 3.7V
VOUT = 3.3V
1mA TO 300mA LOAD STEP
IOUT
Figure 26. Load Transient Response, COUT = 1 μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com