Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADP122ACPZ-2.6-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADP122ACPZ-2.6-R7
Description  5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP122ACPZ-2.6-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADP122ACPZ-2.6-R7 Datasheet HTML 15Page - Analog Devices ADP122ACPZ-2.6-R7 Datasheet HTML 16Page - Analog Devices ADP122ACPZ-2.6-R7 Datasheet HTML 17Page - Analog Devices ADP122ACPZ-2.6-R7 Datasheet HTML 18Page - Analog Devices ADP122ACPZ-2.6-R7 Datasheet HTML 19Page - Analog Devices ADP122ACPZ-2.6-R7 Datasheet HTML 20Page - Analog Devices ADP122ACPZ-2.6-R7 Datasheet HTML 21Page - Analog Devices ADP122ACPZ-2.6-R7 Datasheet HTML 22Page - Analog Devices ADP122ACPZ-2.6-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Data Sheet
ADP122/ADP123
Rev. E | Page 19 of 24
PRINTED CIRCUIT BOARD LAYOUT CONSIDERATIONS
Heat dissipation from the package can be improved by increasing
the amount of copper attached to the pins of the ADP122/ADP123.
However, as shown in Table 6, a point of diminishing returns
eventually is reached, beyond which an increase in the copper
size does not yield significant heat dissipation benefits.
The input capacitor should be placed as close as possible to the
VIN and GND pins, and the output capacitor should be placed
as close as possible to the VOUT and GND pins. Use of 0402 or
0603 size capacitors and resistors achieves the smallest possible
footprint solution on boards where the area is limited.
Figure 52. Example ADP122 PCB Layout
Figure 53. Example ADP123 PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com