Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADP150AUJZ-2.8-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP150AUJZ-2.8-R7
Description  RedyKit for the ADP150 LDO
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP150AUJZ-2.8-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADP150AUJZ-2.8-R7 Datasheet HTML 1Page - Analog Devices ADP150AUJZ-2.8-R7 Datasheet HTML 2Page - Analog Devices ADP150AUJZ-2.8-R7 Datasheet HTML 3Page - Analog Devices ADP150AUJZ-2.8-R7 Datasheet HTML 4Page - Analog Devices ADP150AUJZ-2.8-R7 Datasheet HTML 5Page - Analog Devices ADP150AUJZ-2.8-R7 Datasheet HTML 6Page - Analog Devices ADP150AUJZ-2.8-R7 Datasheet HTML 7Page - Analog Devices ADP150AUJZ-2.8-R7 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Evaluation Board User Guide
UG-289
Rev. 0 | Page 5 of 8
ORDERING INFORMATION
REDYKIT BILL OF MATERIALS (BOM)
Table 1. ADP150UJZ-RedyKit BOM
Qty.
Model
Output Voltage (VOUT)
Maximum Current
Description
1
ADP150UJ-3.3-EVALZ
3.3 V
150 mA
Evaluation board
1
ADP150UJ-1.8-EVALZ
1.8 V
150 mA
Evaluation board
3
ADP150AUJZ-1.8-R7
1.8 V
150 mA
5-lead TSOT
3
ADP150AUJZ-2.5-R7
2.5 V
150 mA
5-lead TSOT
3
ADP150AUJZ-2.8-R7
2.8 V
150 mA
5-lead TSOT
3
ADP150AUJZ-3.0-R7
3.0 V
150 mA
5-lead TSOT
3
ADP150AUJZ-3.3-R7
3.3 V
150 mA
5-lead TSOT



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com