Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADP150AUJZ-2.8-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP150AUJZ-2.8-R7
Description  RedyKit for the ADP150 LDO
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP150AUJZ-2.8-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADP150AUJZ-2.8-R7 Datasheet HTML 1Page - Analog Devices ADP150AUJZ-2.8-R7 Datasheet HTML 2Page - Analog Devices ADP150AUJZ-2.8-R7 Datasheet HTML 3Page - Analog Devices ADP150AUJZ-2.8-R7 Datasheet HTML 4Page - Analog Devices ADP150AUJZ-2.8-R7 Datasheet HTML 5Page - Analog Devices ADP150AUJZ-2.8-R7 Datasheet HTML 6Page - Analog Devices ADP150AUJZ-2.8-R7 Datasheet HTML 7Page - Analog Devices ADP150AUJZ-2.8-R7 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Evaluation Board User Guide
UG-289
One Technology Way • P.O. Box 9106 • Norwood, MA 02062-9106, U.S.A. • Tel: 781.329.4700 • Fax: 781.461.3113 • www.analog.com
RedyKit for the ADP150 LDO
PLEASE SEE THE LAST PAGE FOR AN IMPORTANT
WARNING AND LEGAL TERMS AND CONDITIONS.
Rev. 0 | Page 1 of 8
FEATURES
ADP150 ultralow noise voltage regulator
All-voltage options included for evaluation
Surface-mount ADP150 parts that can be easily soldered
Additional parts for prototyping
ADP150UJZ-REDYKIT CONTENTS
1 ADP150UJ-3.3-EVALZ evaluation board, VOUT = 3.3 V
1 ADP150UJ-1.8-EVALZ evaluation board, VOUT = 1.8 V
5 additional ADP150 voltage options in a labeled bag
GENERAL DESCRIPTION
The ADP150UJZ-RedyKit RedyKit™ allows simplified
prototyping and evaluation and is available for every standard
fixed output voltage option in the ADP150 product family. The
RedyKit allows the user to evaluate all voltage options with one
easy-to-order kit.
All surface-mount ADP150 parts are sorted and stored in the kit
with the Analog Devices, Inc., part number and fixed output
voltage clearly printed on each zip-top bag (see Figure 2).
The kit can be used in the engineering lab to evaluate required
voltage options. When other voltage options need to be
evaluated, a different part from the kit can be easily soldered
onto one of the evaluation boards supplied with the kit.
TYPICAL APPLICATION CIRCUITS
1
2
3
5
4
VOUT
NC
VIN
GND
EN
OFF
ON
COUT
1µF
VOUT = 1.8V
NC = NO CONNECT. DO NOT
CONNECT TO THIS PIN.
Figure 1. ADP150UJZ-RedyKit
The ADP150UJZ-RedyKit comes with fixed 1.8 V and 3.3 V
evaluation boards. The kit also contains additional parts for
prototyping. The kit, which contains individually packaged parts
and the two evaluation boards, is packaged in an ESD foam pad
inside a treated cardboard box that measures 8.7" (L) × 7.9" (W)
× 1.75" (H), that is, 22 cm (L) × 20 cm (W) × 4.5 cm (H).
For additional information, also see the ADP150 evaluation
board user guide, UG-054.


Similar Part No. - ADP150AUJZ-2.8-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP150AUJZ-2.8-R7 AD-ADP150AUJZ-2.8-R7 Datasheet
620Kb / 20P
Ultralow Noise, 150 mA CMOS Linear Regulator
REV. 0
ADP150AUJZ-2.8-R7 AD-ADP150AUJZ-2.8-R7 Datasheet
580Kb / 20P
Ultralow Noise, 150 mA CMOS Linear Regulator
REV. A
ADP150AUJZ-2.8-R7 AD-ADP150AUJZ-2.8-R7 Datasheet
603Kb / 20P
Ultralow Noise, 150 mA CMOS Linear Regulator
REV. B
ADP150AUJZ-2.8-R7 AD-ADP150AUJZ-2.8-R7 Datasheet
1Mb / 20P
Ultralow Noise, 150 mA, CMOS Linear Regulator
Rev. E
More results

Similar Description - ADP150AUJZ-2.8-R7

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM9107 CALMIRCO-CM9107 Datasheet
532Kb / 10P
Triple-Output LDO for WLAN
logo
RICOH electronics devic...
R1163N151B RICOH-R1163N151B Datasheet
1Mb / 36P
3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
logo
Analog Devices
UG-054 AD-UG-054 Datasheet
468Kb / 8P
Setting Up the Evaluation Board for the ADP150
REV. 0
logo
Anpec Electronics Corop...
APW7566 ANPEC-APW7566 Datasheet
253Kb / 19P
The Synchronous Buck Converter with 300mA LDO
logo
STMicroelectronics
STEVAL-ISB034V1 STMICROELECTRONICS-STEVAL-ISB034V1 Datasheet
220Kb / 4P
Evaluation board for the LDBL20 high PSRR, miniaturized 200mA LDO
17-Feb-2016
logo
Maxim Integrated Produc...
MAX77734EVKIT MAXIM-MAX77734EVKIT Datasheet
2Mb / 17P
On-Board Electronic Load for LDO
Rev 0; 9/17
logo
Nisshinbo Micro Devices...
R1163N NISSHINBO-R1163N Datasheet
887Kb / 35P
3-Mode 150 mA LDO Regulator with the Reverse Current Protection for Automotive Applications
R1163X NISSHINBO-R1163X Datasheet
796Kb / 30P
3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
R1180N NISSHINBO-R1180N Datasheet
560Kb / 24P
150mA LDO REGULATOR FOR AUTOMOTIVE APPLICATIONS
R1191X NISSHINBO-R1191X Datasheet
4Mb / 45P
300mA LDO REGULATOR with the Reverse Current Protection
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com